Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX10801 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX10801
Description  Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10801 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX10801 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
IC specification
MLX10801
Power LED driver for automotive applications
Power saving low side coil driver
Electronic fuse
3901010801
Page 1/41
Rev 021
14/July/05
Author: TFR
revised: RAH/SSZ
Features
General
Minimum number of inexpensive external components
Auto shutdown in case of over temperature with internal or
external temperature sensor
Small package allows compact module design with minimised
wire runs and short connections to achieve improved EMI
performance
MLX10801 is offered in 2 package options: SOIC8 and MLPD8
5x5. The MLPD8 5x5 package option allows to take out a higher
peak and average current than the SOIC8 package option
LED driver
High energy efficiency
Light control via PWM possible
Light output has a minimized dependency on supply and
temperature variations
Adjustable LED parameters are stored in an internal
NV memory
Coil driver
Additional use for driving coils like relays and micro valves in a
power saving mode
Works with a wide range of coils
Electronic fuse
Additional use as electronic fuse.
Fuse current adjust possibility
VS
CALIB
TEST
DRVOUT
DSENSE
GND
RSENSE
10801
(SO8)
CONTR
VS
CALIB
TEST
DRVOUT
DSENSE
GND
RSENSE
CONTR
Ordering Information
Part Nr
Temperature Code
Package Code
MLX10801
R (-40°C to 105°C)
DC (SOIC8)
MLX10801
R (-40°C to 105°C)
LDC (MLPD8 5x5)
General Description
The MLX10801 is a multi-purpose LED driver for high power LEDs designed for automotive applications.
A lot of adjustment possibilities allow for the design of different LED applications using only a few external
components.
The circuit is load dump protected for a 40V load dump pulse.
As a second use, a variety of coils like relays and micro valves can be driven in a very efficient power saving mode.
A third use is a simple electronic fuse, to protect circuits from overcurrent or overtemperature.


Similar Part No. - MLX10801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803 Datasheet
855Kb / 25P
   Automotive high power LED driver
logo
Melexis Microelectronic...
MLX10803 MELEXIS-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
logo
List of Unclassifed Man...
MLX10803KDC ETC2-MLX10803KDC Datasheet
462Kb / 25P
   High power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
855Kb / 25P
   Automotive high power LED driver
More results

Similar Description - MLX10801

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
FL10801 MELEXIS-FL10801 Datasheet
664Kb / 12P
   Power saving low side coil driver
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
A6387 STMICROELECTRONICS-A6387 Datasheet
331Kb / 14P
   High voltage high- and low-side driver for automotive applications
February 2015 Rev 5
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com