Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX10801 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX10801
Description  Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10801 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX10801 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
IC specification
MLX10801
Power LED driver for automotive applications
Power saving low side coil driver
Electronic fuse
3901010801
Page 6/41
Rev 021
14/July/05
Author: TFR
revised: RAH/SSZ
1.1.3. LED driver application notes
The MLX10801 is optimised for the use of low cost coils. For a standard application with 1 LED and an average
current of 350mA a coil of about 100µH…470µH having ≤ 1R omic resistance should be chosen. The sense resistor
should have a value between 0.47R…1R / 250mW.
As a general rule: the higher the load current, the lower the inductance of the coil should be, since higher currents
lengthen the charging time of the coil. Switching frequencies lower than 20kHz are often not desired.
It is possible (without manipulating the internal IC trimming data) to set the peak current and the average current of
the LED by a variation of sense resistor and coil value. The same can be achieved by programming a modified
parameter set to the EEPROM of the IC.
The free wheel diode that carries the load current during the passive state (driver OFF) should be a very fast
switching diode like ES1D or BYG80 with a recommended trr<30ns in order to avoid parasitic spikes on RSENSE.
The diode must be able to carry the current flowing in the LED.
For applications that use an external temperature sensor, virtually any low cost diode with a temperature coefficient
of -2mV/K can be used.
In case of longer lines between the IC and the coil (which should be avoided because of EMI), a capacitor might be
placed in parallel to RSENSE to avoid crosstalk and parasitic switching.
A well chosen parameter set can help to avoid such a condition. The goal should be to unload the coil as much as
possible during the selected monoflop time (see as well chapter 8.3).
The schematic diagram under 1.1.1 is used in applications, where the LED is controlled by external control
electronics. A PWM with a frequency between 30Hz..4kHz can be applied to the CONTROL pin in order to
dim the light output. This frequency is limited by the debouncing time for the sleep mode on the lower side
and the selected monoflop time on the upper side of that range.
This function can be used to achieve different light outputs or also be used in a temperature down
regulation.
It is recommended to have the PWM frequency at least 5-10 times lower than the selected driver switching
frequency.
The minimum schematic diagram under 1.1.2 is sufficient for all applications with a constant light output.
Nevertheless a dimming function could be achieved by a PWM driving directly on the module supply.
In this mode, the PWM frequency should be chosen between 0 and 1kHz. It is limited by the maximum
IC settling time.


Similar Part No. - MLX10801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803 Datasheet
855Kb / 25P
   Automotive high power LED driver
logo
Melexis Microelectronic...
MLX10803 MELEXIS-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
logo
List of Unclassifed Man...
MLX10803KDC ETC2-MLX10803KDC Datasheet
462Kb / 25P
   High power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
855Kb / 25P
   Automotive high power LED driver
More results

Similar Description - MLX10801

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
FL10801 MELEXIS-FL10801 Datasheet
664Kb / 12P
   Power saving low side coil driver
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
A6387 STMICROELECTRONICS-A6387 Datasheet
331Kb / 14P
   High voltage high- and low-side driver for automotive applications
February 2015 Rev 5
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com