Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90609EEA-E2 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-E2
Description  Angular Rate Sensor (Standard version)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-E2 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90609EEA-E2 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-E2 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 4 of 22
Data Sheet
Rev 008
February/08
2. Pin Definitions and Descriptions
Figure 2-1. MLX90609 pin-out
Group
Pin Name
Function
VSS
Digital ground 0V
VDD
Digital 5V
VDDA
Analog Supply 5V
Power Supply Pins
VSSA
Analog ground, 0V, externally tied to digital ground
SCLK
Clock for serial data transfer, In, digital
MISO
Master In, Slave Out
MOSI
Master Out, Slave In
Serial Communication Pins
SS
Slave/Chip select (active low)
TEST
Test-mode control pin (internal pull-down,
In application tight to ground for EMC reasons)
TESTIN
In application tight to ground for EMC reasons
Factory Test Pins
TESTOUT
Do not connect
SELFTEST
User on request self test input (for automotive applications)
User Diagnostic Pins
ERROR
Continuous self test output (for automotive applications)
OUTAR
Analog angular rate output
Output Pins
OUTTEMP
Analog output of the temperature sensing module
VREF
2.5V Output reference voltage
HVIN
High voltage filter capacitor
FLT
External capacitor for bandwidth setting
TOPCAP
Tie to VSSA
CASE
Tie to VSSA
NC
Tie to VSSA
General purpose pins
FLT
External capacitor for bandwidth setting
Table 2. MLX90609 Pin description


Similar Part No. - MLX90609EEA-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90609EEA-E2 ETC2-MLX90609EEA-E2 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
More results

Similar Description - MLX90609EEA-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com