Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX10410 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX10410
Description  8 Fold High Side Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10410 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX10410 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10410 Datasheet HTML 7Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 5
MLX10410 8 Fold High Side Driver
Page 5
Rev 1.1 16/Apr/01
3901010410
Page 5
Aug/02
Rev. 003
Name
Function
VCC1, VCC2
power inputs, both inputs need to be connected.
GND
circuit ground
VDD
5V logic supply
OUT7,
OUT0 power outputs
DATAI
data input
STROBE
data is latched on the high level of strobe
ADR2, ADR1, ADR0
address for output selection
DATAO
data output
OTB
open drain output that indicates that the IC is in over
temperature protection
CEN
chip enable signal (in a system with only one IC, it is
possible to connect this signal directly to VDD).
Pin 1: VDD
Pin 20: CEN
Pin 2: OTB
Pin 19: DATAO
Pin 3: GND
Pin 18: OUT7
Pin 4: OUT0
Pin 17: OUT6
Pin 5: OUT1
Pin 16: VCC
Pin 6: VCC
Pin 15: OUT5
Pin 7: OUT2
Pin 14: OUT4
Pin 8: OUT3
Pin 13:STROBE
Pin 9:ADR2
Pin 12:DATAI
Pin 10:ADR1
Pin 11: ADR0
Pin Assignment


Similar Part No. - MLX10410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10402 ETC1-MLX10402 Datasheet
36Kb / 3P
   The IC drives directly small DC inductive or active loads like electric motors, lamps, etc
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407 Datasheet
146Kb / 11P
   5-Channel Gauge Driver with Serial Link
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407_02 Datasheet
146Kb / 11P
   5-Channel Gauge Driver with Serial Link
More results

Similar Description - MLX10410

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-JX ICHAUS-IC-JX Datasheet
611Kb / 36P
   16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
IC-MFL ICHAUS-IC-MFL Datasheet
180Kb / 13P
   8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
   Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com