Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90314LDF Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90314LDF
Description  Programmable Sensor Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90314LDF Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90314LDF Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90314LDF Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MLX902xx Name of Sensor Rev Y.X 22/Aug/98
Page 1
MLX90314
Programmable Sensor Interface
3901090314
Page 1
Nov/04
Rev 007
Features and Benefits
s
Microprocessor-controlled signal conditioning for bridge-type sensors
s
Suited for low-cost sensors: reduction of non-linearity by programmable coefficients
s
External or internal temperature sensor for compensating temperature errors
s
Versatile output signal ranges: 4, 5, 10, or 11VDC; 4 to 20 mA loop
s
Mass calibration easy with 2400 or 9600 baud UART
s
Power supply from 6 to 35VDC
Applications
s
Pressure transducers
s
Accelerometers
s
Temperature sensor assemblies
s
Linear position sensors
Ordering Information
Part No.
Temperature Suffix
Package
MLX90314
L ( -40C to 150C )
DF (SOIC16w)
MLX90314
L ( -40C to 150C )
UF (die on foil)
Description
The MLX90314 is a dedicated microcontroller which performs signal conditioning for sensors wired in bridge or
differential configurations. Sensors that can be used include thermistors, strain gauges, load cells, pressure
sensors, accelerometers, etc. The signal conditioning includes gain adjustment, offset control, high order
temperature and linearity compensation. Compensation values are stored in EEPROM and are re-
programmable. Programming is accomplished by using a PC, with an interface circuit (level shifting and glue
logic), and provided software.
The application circuits can provide an output of an absolute voltage, relative voltage, or current. The output can
be range limited with defined outputs when the
signal is beyond the programmed limits. Other
features
include
alarm
outputs
and
level
steering. The robust electrical design allows
the MLX90314 to be used where most signal
conditioning
and
sensor
interface
circuits
cannot be used. Voltage regulation control is
provided for absolute voltage and current
modes (external FET required).
The standard package is a plastic SO16W. The
device is static-sensitive and requires ESD
precautions.


Similar Part No. - MLX90314LDF

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90314LDFBAA-000RE MELEXIS-MLX90314LDFBAA-000RE Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90314LDFBAA-000TU MELEXIS-MLX90314LDFBAA-000TU Datasheet
996Kb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90314LDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com