Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9301 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9301
Description  High Input Voltage Charger With Power Path Management
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation ISL9301 Datasheet HTML 10Page - Intersil Corporation ISL9301 Datasheet HTML 11Page - Intersil Corporation ISL9301 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6435.0
February 25, 2008
VOUT is regulated at 4.5V, the charger is ON, delivering a
trickle charge current.
The IC moves to a fast charge constant current mode when
VBAT reaches the VMIN threshold. There are 3 possible
states in this mode depending on the output current. When
the sum of the output current and the fast charge current is
smaller than the input current limit, the IC enters the Fast
Charge state with the charge current set by RIREF. When the
output current and the fast charge current are greater than
the input current limit, the IC will enter the PPM mode, where
the charging current is reduced to a point such that the sum
of output current and the charging current equals to the input
current limit. If the output current by itself is greater than the
input current limit, the IC enters the Battery Discharge state,
where the battery is discharged to the system to supply a
part of the output demand.
When the battery voltage reaches 4.2V, the IC enters the CV
Charge state, where PPR is LO, CHG is LO and VOUT is
regulated at 4.5V. The battery is being charged at a constant
voltage while the charging current decreases.
When the charging current is reduced to the IMIN threshold,
the IC enters a Charge Complete state, where PPR is LO,
CHG is HI, VOUT is regulated at 4.5V and the charger
continues to charge the battery.
When the timeout interval has elapsed after the Charge
Complete state, the IC will enter the Disabled state, where
the PPR is LO, CHG is HI, VOUT is regulated at 4.5V and
the charger is OFF. After the Charge Complete state, if VBAT
is below the re-charge threshold, the IC will re-initialize and
start a new cycle.
If the timeout limit is reached before the Charge Complete
state, the IC enters the Charger Fault state, where PPR is
LO, CHG is blinking, VOUT is regulated at 4.5V and the
charger is OFF. This state is latched until the input power is
removed and re-applied to start a new cycle.
Any time during the operation, if the die temperature reaches
the OTP threshold, the IC will enter the OTP state, where
PPR is LO, CHG is HI, and the charger is OFF. VOUT is
disconnected from VIN and connected to VBAT internally to
maintain system power need.
Summary of Output States
The output states under various fault conditions are
summarized in Table 1.
TABLE 1. OUTPUT STATES UNDER FAULT CONDITIONS
OTP
OVP
BATON
M1
M2
Y
Y
H
OFF
ON
Y
N
H
OFF
ON
N
Y
H
OFF
ON
Y
Y
L
OFF
OFF
Y
N
L
OFF
OFF
N
Y
L
OFF
OFF
N
N
X
Regulating
Charging
NOTES:
BATON: BATON Pin
OVP: Input Over Voltage Protection
OTP: Over Temperature Protection
M1: Output Path MOSFET
M2: Battery Path MOSFET
ISL9301


Similar Part No. - ISL9301

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
   High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
386Kb / 12P
   High Input Voltage Charger With Power Path Management
September 21, 2011
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
   High Input Voltage Charger With Power Path Management
September 21, 2011
logo
Renesas Technology Corp
ISL9301IRZ RENESAS-ISL9301IRZ Datasheet
571Kb / 12P
   High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301IRZ-T INTERSIL-ISL9301IRZ-T Datasheet
386Kb / 12P
   High Input Voltage Charger With Power Path Management
September 21, 2011
More results

Similar Description - ISL9301

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
   High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
   High Input Voltage Charger With Power Path Management
September 21, 2011
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
   2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
   2.5A, 3MHz Switching Charger with Dynamic Power Path Management
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
   Li, LINEAR Charger WithSystem Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
   2.5A, 3MHz Switching Charger with Dynamic Power Path Management
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
   High Power Li-Ion Charger W/I-Path Management
logo
Texas Instruments
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
logo
Intersil Corporation
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
   High Power Li-Ion Charger W/I-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com