Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6334A
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6334A Datasheet HTML 5Page - Intersil Corporation ISL6334A Datasheet HTML 6Page - Intersil Corporation ISL6334A Datasheet HTML 7Page - Intersil Corporation ISL6334A Datasheet HTML 8Page - Intersil Corporation ISL6334A Datasheet HTML 9Page - Intersil Corporation ISL6334A Datasheet HTML 10Page - Intersil Corporation ISL6334A Datasheet HTML 11Page - Intersil Corporation ISL6334A Datasheet HTML 12Page - Intersil Corporation ISL6334A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
FN6482.0
February 26, 2008
Max DAC Source Current
3.5
-
-
mA
Max DAC Sink Current
100
-
-
µA
Max REF Source/Sink Current
(Note 4)
50
-
-
µA
PIN-ADJUSTABLE OFFSET
Voltage at OFS Pin
Offset resistor connected to ground
390
400
415
mV
Voltage below VCC, offset resistor connected to
VCC
1.574
1.60
1.635
V
OSCILLATORS
Accuracy of Switching Frequency Setting
RT = 100kΩ
225
250
275
kHz
Adjustment Range of Switching Frequency
(Note 4)
0.08
-
1.0
MHz
Soft-start Ramp Rate
RSS = 100kΩ (Notes 4, 5, 6)
-
1.563
-
mV/µs
Adjustment Range of Soft-Start Ramp Rate
(Note 4)
0.625
-
6.25
mV/µs
PWM GENERATOR
Sawtooth Amplitude
(Note 4)
-
1.5
-
V
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground (Note 4)
-
96
-
dB
Open-Loop Bandwidth
(Note 4)
-
80
-
MHz
Slew Rate
(Note 4)
-
25
-
V/µs
Maximum Output Voltage
3.8
4.4
4.9
V
Output High Voltage @ 2mA
3.6
-
-
V
Output Low Voltage @ 2mA
--
1.6
V
REMOTE-SENSE AMPLIFIER (Note 4)
Bandwidth
(Note 4)
-
20
-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
µA
Output High Current
VSEN - RGND = 0.6
-500
-
500
µA
PWM OUTPUT
Sink Impedance
PWM = Low with 1mA Load
100
220
300
Ω
Source Impedance
PWM = High, Forced to 3.7V
200
320
400
Ω
PSI# INPUT
High Signal Threshold
--
0.8
V
Low Signal Threshold
0.4
-
-
V
CURRENT SENSE AND OVERCURRENT PROTECTION
Sensed Current Tolerance
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 40µA;
CS Offset and Mirror Error Included, RISENx = 200Ω
36.5
-
42
µA
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA;
CS Offset and Mirror Error Included, RISENx = 200Ω
74
-
83
µA
Overcurrent Trip Level for Average Current At Normal
CCM PWM Mode
CS Offset and Mirror Error Included, RISENx = 200Ω
96
105
117
µA
Overcurrent Trip Level for Average Current at PSI#
Mode
N = 4, Drop to 1 Phase
-
121
-
µA
Peak Current Limit for Individual Channel
115
129
146
µA
IMON Clamped and OCP Trip Level
1.085
1.11
1.14
V
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
ISL6334, ISL6334A


Similar Part No. - ISL6334A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334A INTERSIL-ISL6334A Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334A RENESAS-ISL6334A Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334A INTERSIL-ISL6334A Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334ACRZ INTERSIL-ISL6334ACRZ Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334ACRZ INTERSIL-ISL6334ACRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
More results

Similar Description - ISL6334A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com