Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS0100-3.3 Datasheet(PDF) 5 Page - Power IC Ltd.

Part # PS0100-3.3
Description  600mA Synchronous Boost Converter with Output Disconnect
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0100-3.3 Datasheet(HTML) 5 Page - Power IC Ltd.

  PS0100-3.3 Datasheet HTML 1Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 2Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 3Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 4Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 5Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 6Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 7Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 8Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS0100
ELECTRICAL CHARACTERISTICS (continued)
(All specifications are at T = 25
°C, V = 1.5V, V
= 3.3V, V
= 1.5V, unless otherwise specified.)
A
IN
OUT
SHUTB
Parameter
Conditions
Min
Type
Max
Unit
0.95
V
SHUTB Input High
0.35
V
SHUTB Input Low
100
nA
SHUTB Input Current
650
KHz
Frequency at Start-Up
Thermal Shutdown
15
°C Hysteresis
145
°C
Note 1: Minimum operating input voltage is fixed by the battery’s ability to provide necessary power at that
(terminal) voltage. Below this voltage, the battery fails to deliver required power as it enters into deeply
discharged state. This voltage can be lower if the required duty cycle is less.
Note 2: When the input voltage is greater than the output voltage regulation point, the part operates in track
mode (see Track Mode).
Note 3: For applications where V
> 4.3V, an external Schottky diode is recommended.
OUT
Note 4: Limits are 100% production tested at TA=25°C. Specifications over the -40°C to +85°C operating
temperature range are assured by design.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
5


Similar Part No. - PS0100-3.3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS01 CUI-PS01 Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A100KP-3W CUI-PS01-A100KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A250KP-3W CUI-PS01-A250KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A350KP-3W CUI-PS01-A350KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A600KP-3W CUI-PS01-A600KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
More results

Similar Description - PS0100-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com