Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB72035-433-ASK-C Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # EVB72035-433-ASK-C
Description  868/915MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72035-433-ASK-C Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button EVB72035-433-ASK-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 12Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 13Page - Melexis Microelectronic Systems EVB72035-433-ASK-C Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EVB72035
868/915MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72035 01
Page 11 of 14
EVB Description
Rev. 007
June/07
5
Evaluation Board Layouts
5.1
Antenna Board
Board layout data in Gerber format are available, board size is 32mm x 38mm x 1mm FR4.
5.2
PCB Loop Antenna Dimensions
Fig. 8:
Circular loop
Fig. 9:
Square loop equivalent
Loop Dimension
A
B
2a
a
b
r
w
mm
16
8
17
8.5
5
4
2
PCB top view
PCB bottom view
EVB720X5_ANT_L (2)
small


Similar Part No. - EVB72035-433-ASK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-A MELEXIS-EVB72036-315-ASK-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-C MELEXIS-EVB72036-315-ASK-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-A MELEXIS-EVB72036-315-FM-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-C MELEXIS-EVB72036-315-FM-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72035-433-ASK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com