Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB72016-868-ASK-C Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # EVB72016-868-ASK-C
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72016-868-ASK-C Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button EVB72016-868-ASK-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72016-868-ASK-C Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EVB72016
433MHz FSK/ASK Transmitter
Evaluation Board Description
3901272016 01
Page 10 of 12
EVB Description
Rev. 004
June/07
6
Package Description
The device TH72016 is RoHS compliant.
Fig. 7:
10L QFN 3x3 Dual
all Dimensions in mm
D
E
D2
E2
A
A1
A3
L
e
b
min
2.85
2.85
2.23
1.49
0.80
0
0.3
0.18
max 3.15
3.15
2.48
1.74
1.00
0.05
0.20
0.5
0.50
0.30
all Dimensions in inch
min 0.112 0.112 0.0878 0.051 0.0315
0
0.0118
0.0071
max 0.124 0.124 0.0976 0.055 0.0393 0.002
0.0079
0.0197
0.0197
0.0118
6.1
Soldering Information
The device TH72016 is qualified for MSL3 with soldering peak temperature 260 deg C
according to JEDEC J-STD-20
6.2
Recommended PCB Footprints
all Dimensions in mm
Z
G
D2th
E2th
X
Y
CPL
e
min
3.55
1.9
3.2
1.3
0.25
0.7
0.3
max
3.90
2.3
3.6
1.7
0.30
1.0
0.5
0.5
all Dimensions in inch
min 0.1398 0.0748 0.1260 0.0512 0.0098 0.0276 0.0591
max 0.1535 0.0906 0.1417 0.0669 0.0118 0.0394 0.0197
0.0197
Fig. 8:
PCB land pattern style
solder stop
solder pad
e
X
Y
CPL
E2th
D2 th
Z G
15
6
10
A
A1
A3
D
E
1
5
6
10
e
b
E2
D2
L
0.36
0.225x45°
0.23
ex pos ed pad
The “exposed pad” is not connected
to internal ground,
it should not be connected to the PCB.


Similar Part No. - EVB72016-868-ASK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72013-433-FSK-C MELEXIS-EVB72013-433-FSK-C Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015-315-ASK-A MELEXIS-EVB72015-315-ASK-A Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015-315-ASK-C MELEXIS-EVB72015-315-ASK-C Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72016-868-ASK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
   433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
   433MHz FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
   433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com