Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB72015-315-FM-C Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # EVB72015-315-FM-C
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72015-315-FM-C Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  EVB72015-315-FM-C Datasheet HTML 1Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 2Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72015-315-FM-C Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EVB72015
433MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72015 01
Page 3 of 14
EVB Description
Rev. 007
June/07
1
Theory of Operation
1.1
General
As depicted in Fig.1, the TH72015 transmitter consists of a fully integrated voltage-controlled oscillator
(VCO), a divide-by-32 divider (div32), a phase-frequency detector (PFD) and a charge pump (CP). An inter-
nal loop filter determines the dynamic behavior of the PLL and suppresses reference spurious signals. A
Colpitts crystal oscillator (XOSC) is used as the reference oscillator of a phase-locked loop (PLL) synthe-
sizer. The VCO’s output signal feeds the power amplifier (PA). The RF signal power Pout can be adjusted in
four steps from Pout = –12 dBm to +10 dBm, either by changing the value of resistor RPS or by varying the
voltage VPS at pin PSEL. The open-collector output (OUT) can be used either to directly drive a loop antenna
or to be matched to a 50Ohm load. Bandgap biasing ensures stable operation of the IC at a power supply
range of 1.95 V to 5.5 V.
1.2
Block Diagram
Fig. 1:
Block diagram with external components
2
Functional Description
2.1
Crystal Oscillator
A Colpitts crystal oscillator with integrated functional capacitors is used as the reference oscillator for the PLL
synthesizer. The equivalent input capacitance CRO offered by the crystal oscillator input pin ROI is about
18pF. The crystal oscillator is provided with an amplitude control loop in order to have a very stable fre-
quency over the specified supply voltage and temperature range in combination with a short start-up time.
CX1
FSKDTA
antenna
matching
network
XOSC
PA
XBUF
VCO
PLL
CP
PFD
32
OUT
PSEL
RPS
FSKSW
ROI
XTAL
CX2
VEE
7
VEE
9
2
8
6
4
3
1
ASKDTA
low
voltage
detector
10
VCC
mode
control
ENTX
5


Similar Part No. - EVB72015-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72013-433-FSK-C MELEXIS-EVB72013-433-FSK-C Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016-315-ASK-A MELEXIS-EVB72016-315-ASK-A Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016-315-ASK-C MELEXIS-EVB72016-315-ASK-C Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72015-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
   433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
   433MHz FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
   433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com