Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB72006-915-FM-A Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # EVB72006-915-FM-A
Description  315MHz FSK/ASK Transmitter Evaluation Board Description
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72006-915-FM-A Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button EVB72006-915-FM-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72006-915-FM-A Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EVB72006
315MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72006 01
Page 9 of 12
EVB Description
Rev. 004
Dec/07
4
Evaluation Board Layout
Board layout data in Gerber format are available, board size is 27mm x 42mm x 1mm FR4.
5
Board Variants
Type
Frequency/MHz
Modulation
Board Execution
EVB72006
–315
–FSK
–A
antenna version
–433
–ASK
according to section 3.1
–C
connector version
–868
–FM
–915
Note:
available EVB setups
PCB top view
PCB bottom view


Similar Part No. - EVB72006-915-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-ASK-A MELEXIS-EVB72005-315-ASK-A Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-ASK-C MELEXIS-EVB72005-315-ASK-C Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-FM-A MELEXIS-EVB72005-315-FM-A Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-FM-C MELEXIS-EVB72005-315-FM-C Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72006-915-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
   315MHz FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com