Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8632XMS Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8632XMS
Description  470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8632XMS Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8632XMS Datasheet HTML 6Page - SG Micro Corp SGM8632XMS Datasheet HTML 7Page - SG Micro Corp SGM8632XMS Datasheet HTML 8Page - SG Micro Corp SGM8632XMS Datasheet HTML 9Page - SG Micro Corp SGM8632XMS Datasheet HTML 10Page - SG Micro Corp SGM8632XMS Datasheet HTML 11Page - SG Micro Corp SGM8632XMS Datasheet HTML 12Page - SG Micro Corp SGM8632XMS Datasheet HTML 13Page - SG Micro Corp SGM8632XMS Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SGM8631/2/3/4
10
Typical Application Circuits
Differential Amplifier
The circuit shown in Figure 4 performs the difference function.
If the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then
VOUT = ( Vp – Vn ) × R2 / R1 + Vref.
Vn
Vp
VOUT
SGM8631
Vref
R1
R2
R3
R4
Figure 4. Differential Amplifier
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as that in
Figure 4 but with the high input impedance.
Vn
Vp
SGM8631
Vref
R1
R2
R3
R4
VOUT
SGM8631
SGM8631
Figure 5. Instrumentation Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 6 has a DC gain of (-R2/R1)
and the –3dB corner frequency is 1/2
πR2C. Make sure the filter
is within the bandwidth of the amplifier. The Large values of
feedback resistors can couple with parasitic capacitance and
cause undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistors value as low as possible
and consistent with output loading consideration.
VIN
VOUT
SGM8631
R1
R2
R3=R1//R2
C
Figure 6. Low Pass Active Filter


Similar Part No. - SGM8632XMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8632XMS/TR SGMICRO-SGM8632XMS/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8632XMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com