Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9116ZS Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM9116ZS
Description  Triple, 35MHz, 3rd Order HDTV Video Filter Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9116ZS Datasheet(HTML) 4 Page - SG Micro Corp

  SGM9116ZS Datasheet HTML 1Page - SG Micro Corp SGM9116ZS Datasheet HTML 2Page - SG Micro Corp SGM9116ZS Datasheet HTML 3Page - SG Micro Corp SGM9116ZS Datasheet HTML 4Page - SG Micro Corp SGM9116ZS Datasheet HTML 5Page - SG Micro Corp SGM9116ZS Datasheet HTML 6Page - SG Micro Corp SGM9116ZS Datasheet HTML 7Page - SG Micro Corp SGM9116ZS Datasheet HTML 8Page - SG Micro Corp SGM9116ZS Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM9116
TYPICAL PERFORMANCE CHARACTERISTICS
At VS = +5.0V, TA = +25℃, RL= 150Ω, all outputs AC coupled with 220µF, unless otherwise noted.
Frequency Response
-15
-12
-9
-6
-3
0
3
0.01
0.1
1
10
100
Frequency(MHz)
Phase vs. Frequency
-270
-180
-90
0
90
180
270
0.1
1
10
100
1000
Frequency(MHz)
Large Signal Step Response
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Time (µs)
Small Signal Step Response
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Time (µs)
PSRR vs. Frequency(Bypass Caps)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.01
0.1
1
10
100
Frequency(MHz)
PSRR vs. Frequency(No Bypass Caps)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
Frequency(MHz)


Similar Part No. - SGM9116ZS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116XS/TR SGMICRO-SGM9116XS/TR Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
More results

Similar Description - SGM9116ZS

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9123 SGMICRO-SGM9123 Datasheet
545Kb / 9P
   Triple, 8MHz, 3rd Order SDTV Video Filter Drivers
SGM9115 SGMICRO-SGM9115 Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
SGM9203 SGMICRO-SGM9203 Datasheet
345Kb / 11P
   Triple, 6th-Order, Video Filter Driver
logo
Agamem Microelectronic ...
AA8616 AGAMEM-AA8616 Datasheet
39Kb / 1P
   Triple, HDTV Video Filter Dirvers
AA8617 AGAMEM-AA8617 Datasheet
39Kb / 1P
   Triple, HDTV Video Filter Dirvers
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8682 AGAMEM-AA8682 Datasheet
312Kb / 1P
   72MHz, 3rd ORDER FULL-HD VIDEO FILTER DRIVERS
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com