Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB72005-315-FSK-C Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # EVB72005-315-FSK-C
Description  315MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72005-315-FSK-C Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button EVB72005-315-FSK-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72005-315-FSK-C Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EVB72005
315MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72005 01
Page 8 of 14
EVB Description
Rev. 007
June/07
3.2
Antenna Board PCB Top View
Board size is 37 mm x 47 mm
3.3
Board Connection
VCC
Power supply (1.95 V to 5.5 V)
RO
External reference frequency input
ASKD
Input for ASK data (CMOS, see section 2.4)
EN
Mode control pin (see section 2.7)
FSKD
Input for FSK data (CMOS, see section 2.2)
Several ground pins
EVB720X5_ANT_L (2)
large
12
3
5
6
12
34
4
56
CB0
CX2
CX1
72005
5
2
10
6
CM1
CM2
RPS


Similar Part No. - EVB72005-315-FSK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006-315-ASK-A MELEXIS-EVB72006-315-ASK-A Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006-315-ASK-C MELEXIS-EVB72006-315-ASK-C Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006-315-FM-A MELEXIS-EVB72006-315-FM-A Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006-315-FM-C MELEXIS-EVB72006-315-FM-C Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72005-315-FSK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
   315MHz FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com