Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9115ZS Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM9115ZS
Description  Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9115ZS Datasheet(HTML) 6 Page - SG Micro Corp

  SGM9115ZS Datasheet HTML 1Page - SG Micro Corp SGM9115ZS Datasheet HTML 2Page - SG Micro Corp SGM9115ZS Datasheet HTML 3Page - SG Micro Corp SGM9115ZS Datasheet HTML 4Page - SG Micro Corp SGM9115ZS Datasheet HTML 5Page - SG Micro Corp SGM9115ZS Datasheet HTML 6Page - SG Micro Corp SGM9115ZS Datasheet HTML 7Page - SG Micro Corp SGM9115ZS Datasheet HTML 8Page - SG Micro Corp SGM9115ZS Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SGM9115
6
Applications Information
Functional Description
SGM9115 operates from a single +2.5V to +5V supply. In
application, SGM9115 is a fully integrated solution for filtering
and buffering SDTV signals in front of video decoder or behind
video encoder. For example, SGM9115 can replace three
passive LC filters and three amplifier drivers at CVBS and
S-video output side in set-top box and DVD player, this solution
can help you save PCB size and production cost, it also
improves video signal performance comparing with traditional
design using discrete components. SGM9115 features a
DC-coupled input buffer, 3-pole low-pass filter to eliminate
out-of-band noise of video encoder, and a gain of +6dB in the
output amplifier to drive 75Ω load. The AC or DC-coupled input
buffer eliminates sync crush, droop, and field tilt. The output of
SGM9115 also can be DC-coupled or AC-coupled.
Input Considerations
Besides AC coupling, the SGM9115 inputs also can be
DC-coupled. In DC coupling application, No input coupling
capacitors are needed because the amplitude of input video
signal from DAC includes ground and extends up to 1.4V, then
SGM9115 can be directly connected to the output of a
single-supply, current-output DAC without any external bias
network. Some time, if DAC’s output level exceeds the range of
0V to 1.4V, or SGM9115 is driven by an unknown external
source or a SCART switch which has its own clamping circuit,
AC coupling is needed in such applications.
Output Considerations
The SGM9115 outputs can be DC-coupled or AC-coupled.
When 0V is input, the SGM9115 output voltage is 260mV
typically. In DC coupling design, one 75Ω resistor is used to
Connect SGM9115’s output pin with external load directly, this
serial back-termination resistor is used to match the impedance
of the transmission line between SGM9115 and external load
to cancel the signal reflection. The SGM9115 outputs can sink
and source current allowing the device to be AC-coupled with
external load, in AC coupling, 220µF at least capacitor will be
used in order to eliminate field tilt.
Power-Supply Bypassing and Layout
Correct power supply bypassing is very important for
optimizing video performance in design. One 0.1µF and one
10µF capacitors are always used to Bypass VCC pin of
SGM9115, please place these two capacitors as close to the
SGM9115 output pin as possible, a large ground plane is also
needed to ensure optimum performance. The input and output
termination resistors should be placed as close to the related
pin of SGM9115 as possible to avoid performance degradation.
The PCB traces at the output side should have 75Ω
characteristic impedance in order to match the 75Ω
characteristic impedance cable connecting external load. In
design, please keep the board trace at the inputs and outputs
of the SGM9115 as short as possible to minimize the parasitic
stray capacitance and noise pickup.
Typical Application Diagram
The following schematic in Figure 3 is normally used for AC
coupled output and DC-coupled input with DAC which has an
output voltage range of 0V to 1.4V. AC coupled output offer
slightly lower power dissipation and high ESD protection ability.
The schematics in Figure 1 and Figure 2 are also popular in
design. Figure 4 is a kind of special application in STB.
CVBS1
Y
C
75Ω
1
2
3
4
5
6
7
8
IN1
IN2
IN3
GND
OUT1
OUT2
OUT3
+VS
75Ω
75Ω
75Ω
SGM9115
0.1µF
or 0.01µF
10µF
+5V
75Ω
75Ω
CVBS1
Y
C
S-Video
S-Video
Figure 1. DC Coupling Application Schematic
CVBS1
Y
C
75Ω
1
2
3
4
5
6
7
8
IN1
IN2
IN3
GND
OUT1
OUT2
OUT3
+VS
75Ω
75Ω
75Ω
SGM9115
0.1µF
or 0.01µF
10µF
+5V
75Ω
75Ω
CVBS1
Y
C
0.1µF
0.1µF
0.1µF
220µF
220µF
220µF
S-Video
S-Video
Figure 2. AC Coupling Application Schematic
4
5
6
7
8
IN1
IN2
IN3
GND
OUT1
OUT2
OUT3
+VS
75Ω
75Ω
75Ω
SGM9115
0.1µF
or 0.01µF
10µF
+5V
CVBS1
Y
C
220µF
220µF
220µF
S-Video
CVBS1
Y
C
75Ω
1
2
3
75Ω
75Ω
S-Video
Figure 3. Input DC Coupling and Output AC
Coupling Application Schematic


Similar Part No. - SGM9115ZS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9115 SGMICRO-SGM9115 Datasheet
280Kb / 11P
   SDTV Video Filter Driver
SGM9115XS/TR SGMICRO-SGM9115XS/TR Datasheet
280Kb / 11P
   SDTV Video Filter Driver
SGM9115 SGMICRO-SGM9115_16 Datasheet
280Kb / 11P
   SDTV Video Filter Driver
More results

Similar Description - SGM9115ZS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9123 SGMICRO-SGM9123 Datasheet
545Kb / 9P
   Triple, 8MHz, 3rd Order SDTV Video Filter Drivers
logo
Agamem Microelectronic ...
AA8615 AGAMEM-AA8615 Datasheet
39Kb / 1P
   Triple, SDTV Video Filter Drivers
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
AA8682 AGAMEM-AA8682 Datasheet
312Kb / 1P
   72MHz, 3rd ORDER FULL-HD VIDEO FILTER DRIVERS
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
SG Micro Corp
SGM9203 SGMICRO-SGM9203 Datasheet
345Kb / 11P
   Triple, 6th-Order, Video Filter Driver
SGM9115 SGMICRO-SGM9115_16 Datasheet
280Kb / 11P
   SDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com