Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8055XMS Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8055XMS
Description  250MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8055XMS Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8055XMS Datasheet HTML 1Page - SG Micro Corp SGM8055XMS Datasheet HTML 2Page - SG Micro Corp SGM8055XMS Datasheet HTML 3Page - SG Micro Corp SGM8055XMS Datasheet HTML 4Page - SG Micro Corp SGM8055XMS Datasheet HTML 5Page - SG Micro Corp SGM8055XMS Datasheet HTML 6Page - SG Micro Corp SGM8055XMS Datasheet HTML 7Page - SG Micro Corp SGM8055XMS Datasheet HTML 8Page - SG Micro Corp SGM8055XMS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SGM8051/2/3/4/5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25℃, VS = +5V, G = +2, RF = 887
Ω, RG = 887Ω, and RL = 150Ω connected to Vs/2,unless otherwise noted.
Non-Inverting Small Signal
Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency(MHz)
G = +5
Vo = 0.1VP-P
G = +10
G = +2
G = +1
RF = 24
Ω
Inverting Small Signal
Frequency Response
-15
-12
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency(MHz)
G = -1
Vo = 0.1VP-P
G = -10
G = -5
G = -2
Frequency Response For Various RL
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency(MHz)
RL = 150
Ω
CL = 0pF
Vo = 0.1VP-P
RL = 10K
RL = 1K
Ω
RL = 50
Ω
0.1dB Gain Flatness For Various RF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
Frequency(MHz)
RF=1kΩ
RF=1kΩ
RF=1kΩ
Vo = 0.1VP-P
RF = 1k
Ω
RF = 900
Ω
RF = 887
Ω
CL = 0pF
Frequency Response For Various CL
-15
-12
-9
-6
-3
0
3
6
9
1
10
100
1000
Frequency(MHz)
Rs = 0
Ω
Vo = 0.1VP-P
CL = 100pF
CL = 47pF
CL = 6pF
Frequency Response vs.Capacitive Load
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency(MHz)
Vo = 0.1VP-P
CL = 6pF
RS = 100
Ω
CL = 47pF
RS = 66.5
Ω
CL = 100pF
RS = 37.4
Ω
RF = 887Ω
SGM8051
+
-
Rs
CL
VIN
Vo
V+
V-
(RL is
Optional)


Similar Part No. - SGM8055XMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055XMS/TR SGMICRO-SGM8055XMS/TR Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8055XMS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052_15 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com