Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8052XS Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8052XS
Description  250MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8052XS Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8052XS Datasheet HTML 1Page - SG Micro Corp SGM8052XS Datasheet HTML 2Page - SG Micro Corp SGM8052XS Datasheet HTML 3Page - SG Micro Corp SGM8052XS Datasheet HTML 4Page - SG Micro Corp SGM8052XS Datasheet HTML 5Page - SG Micro Corp SGM8052XS Datasheet HTML 6Page - SG Micro Corp SGM8052XS Datasheet HTML 7Page - SG Micro Corp SGM8052XS Datasheet HTML 8Page - SG Micro Corp SGM8052XS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SGM8051/2/3/4/5
PACKAGE/ORDERING INFORMATION
MODEL
CHANNEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8051XN5/TR
SOT23-5
Tape and Reel, 3000
8051
SGM8051
Single
SGM8051XS/TR
SO-8
Tape and Reel, 2500
SGM8051XS
SGM8052XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8052XMS
SGM8052
Dual
SGM8052XS/TR
SO-8
Tape and Reel, 2500
SGM8052XS
SGM8053XN6/TR
SOT23-6
Tape and Reel, 3000
8053
SGM8053
Single
with shutdown
SGM8053XS/TR
SO-8
Tape and Reel, 2500
SGM8053XS
SGM8054XS14
SO-14
Tube, 50
SGM8054XS14
SGM8054XTS14
TSSOP-14
Tape and Reel, 3000
SGM8054XTS14
SGM8054XS/TR
SO-16
Tape and Reel, 2500
SGM8054XS
SGM8054
Quad
SGM8054XTS
TSSOP-16
Tape and Reel, 3000
SGM8054XTS
SGM8055
Dual
with shutdown
SGM8055XMS/TR
MSOP-10
Tape and Reel, 3000
SGM8055XMS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- ......................................... 7.5 V
Common-Mode Input Voltage
........................................ (–VS )– 0.5 V to (+VS) +0.5V
Storage Temperature Range ................ –65℃ to +150℃
Junction
Temperature ..............................................................160℃
Operating Temperature Range ........... –55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SOT23-5, θJA......................................................... 190 /W
SOT23-6, θJA......................................................... 190 /W
SO-8,
θJA..................................................................125 /W
MSOP-8, θJA.......................................................... 216 /W
MSOP-10, θJA........................................................ 216 /W
SO-16, θJA................................................................ 82 /W
TSSOP-16, θJA....................................................... 105 /W
Lead Temperature Range (Soldering 10 sec)
......................................... 260℃
ESD Susceptibility
HBM...........................................................................1000V
MM...............................................................................400V
NOTES
1.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes
could cause the device not to meet its published
specifications.


Similar Part No. - SGM8052XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8052XS/TR SGMICRO-SGM8052XS/TR Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8052XS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052_15 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com