Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8652 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8652
Description  50MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8652 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8652 Datasheet HTML 1Page - SG Micro Corp SGM8652 Datasheet HTML 2Page - SG Micro Corp SGM8652 Datasheet HTML 3Page - SG Micro Corp SGM8652 Datasheet HTML 4Page - SG Micro Corp SGM8652 Datasheet HTML 5Page - SG Micro Corp SGM8652 Datasheet HTML 6Page - SG Micro Corp SGM8652 Datasheet HTML 7Page - SG Micro Corp SGM8652 Datasheet HTML 8Page - SG Micro Corp SGM8652 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SGM8651/2/3/4/5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25℃, VS = +5V, G = +2, RF = 887
Ω, RG = 887Ω, CL =47pF ,and RL= 600Ω, unless otherwise noted.
CMRR And PSRR vs.Frequency
0
20
40
60
80
100
0.01
0.1
1
10
100
Frequency(MHz)
CMRR
PSRR
Input Voltage Noise Spectral Density
vs.Frequency
1
10
100
1000
0.01
0.1
1
10
100
1000
Frequency(kHz)
Overload Recovery Time
Time(25ns/div)
Vs = ±2.5V
VIN = 1.77V
G = +2
2.5V
1.77V
0V
Large-Signal Disable/Enable Response
Time(200ns/div)
Vs = ±2.5V
fIN = 5MHz
G = +2
VOUT = 2.4V
Maximum Output Voltage vs.Frequency
0
1
2
3
4
5
6
0.1
1
10
100
Frequency(MHz)
Vs = 5.5V
Maximum Output Voltage
Without Slew-Rate
Induced Distortion
Vs = 2.7V
CMRR And PSRR vs.Temperature
60
70
80
90
100
110
120
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
CMRR
PSRR
RL = 150
Ω


Similar Part No. - SGM8652

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8652 SGMICRO-SGM8652 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8652 SGMICRO-SGM8652 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8652XMS/TR SGMICRO-SGM8652XMS/TR Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8652XS/TR SGMICRO-SGM8652XS/TR Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8652 SGMICRO-SGM8652_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8652

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com