Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8633 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8633
Description  470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8633 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8633 Datasheet HTML 1Page - SG Micro Corp SGM8633 Datasheet HTML 2Page - SG Micro Corp SGM8633 Datasheet HTML 3Page - SG Micro Corp SGM8633 Datasheet HTML 4Page - SG Micro Corp SGM8633 Datasheet HTML 5Page - SG Micro Corp SGM8633 Datasheet HTML 6Page - SG Micro Corp SGM8633 Datasheet HTML 7Page - SG Micro Corp SGM8633 Datasheet HTML 8Page - SG Micro Corp SGM8633 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SGM8631/2/3/4
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8631XC5/TR
SC70-5
Tape and Reel, 3000
8631
SGM8631XN5/TR
SOT23-5
Tape and Reel, 3000
8631
SGM8631
SGM8631XS/TR
SO-8
Tape and Reel, 2500
SGM8631XS
SGM8632XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8632XMS
SGM8632
SGM8632XS/TR
SO-8
Tape and Reel, 2500
SGM8632XS
SGM8633XN6/TR
SOT23-6
Tape and Reel, 3000
8633
SGM8633
SGM8633XS/TR
SO-8
Tape and Reel, 2500
SGM8633XS
SGM8634XS/TR
SO-16
Tape and Reel, 2500
SGM8634XS
SGM8634
SGM8634XTS
TSSOP-16
Tape and Reel, 3000
SGM8634XTS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- .
........................................... 7.5 V
Common-Mode Input Voltage
.................................... (–VS) – 0.5 V to (+VS) +0.5V
Storage Temperature Range
..................... –65℃ to +150℃
Junction Temperature
.................................................160℃
Operating Temperature Range
.................–55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SC70-5, θJA............................
.................................... 333 /W
SOT23-5, θJA........................
...................................... 190 /W
SOT23-6, θJA..........
.................................................... 190 /W
SO-8, θJA.............................
.........................................125 /W
MSOP-8, θJA..............
................................................ 216 /W
SO-16, θJA...................
.................................................. 82 /W
TSSOP-16, θJA................
............................................ 105 /W
Lead Temperature Range (Soldering 10 sec)
.....................................................260℃
ESD Susceptibility
HBM............................................
....................................1500V
MM...............................
.....................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes could
cause
the
device
not
to
meet
its
published
specifications.


Similar Part No. - SGM8633

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8633 SGMICRO-SGM8633 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM8633XN6/TR SGMICRO-SGM8633XN6/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM8633XS/TR SGMICRO-SGM8633XS/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8633

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com