Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8063XS Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8063XS
Description  500MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8063XS Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8063XS Datasheet HTML 4Page - SG Micro Corp SGM8063XS Datasheet HTML 5Page - SG Micro Corp SGM8063XS Datasheet HTML 6Page - SG Micro Corp SGM8063XS Datasheet HTML 7Page - SG Micro Corp SGM8063XS Datasheet HTML 8Page - SG Micro Corp SGM8063XS Datasheet HTML 9Page - SG Micro Corp SGM8063XS Datasheet HTML 10Page - SG Micro Corp SGM8063XS Datasheet HTML 11Page - SG Micro Corp SGM8063XS Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SGM8061/2/3
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25℃, VS = +5V, G = +2, RF = 402
Ω, RG = 402Ω, and RL=150Ω connected to Vs/2,unless otherwise noted.


Similar Part No. - SGM8063XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8063 SGMICRO-SGM8063 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8063 SGMICRO-SGM8063_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8063XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
EL8302 INTERSIL-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com