Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8524 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8524
Description  150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8524 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8524 Datasheet HTML 4Page - SG Micro Corp SGM8524 Datasheet HTML 5Page - SG Micro Corp SGM8524 Datasheet HTML 6Page - SG Micro Corp SGM8524 Datasheet HTML 7Page - SG Micro Corp SGM8524 Datasheet HTML 8Page - SG Micro Corp SGM8524 Datasheet HTML 9Page - SG Micro Corp SGM8524 Datasheet HTML 10Page - SG Micro Corp SGM8524 Datasheet HTML 11Page - SG Micro Corp SGM8524 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SGM8521/8522/8524
PACKAGE OUTLINE DIMENSIONS
SOT23-5
D
e1
b
C
0
θ
0.20
e
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L
0.700REF
0.028REF
L1
0.300
0.600
0.012
0.024
θ


Similar Part No. - SGM8524

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8524 SGMICRO-SGM8524 Datasheet
361Kb / 15P
   CMOS Operational Amplifiers
SGM8524 SGMICRO-SGM8524 Datasheet
361Kb / 15P
   CMOS Operational Amplifiers
SGM8524 SGMICRO-SGM8524 Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8524XS14/TR SGMICRO-SGM8524XS14/TR Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8524XTS14/TR SGMICRO-SGM8524XTS14/TR Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8524

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com