Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8061XS Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8061XS
Description  500MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8061XS Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8061XS Datasheet HTML 6Page - SG Micro Corp SGM8061XS Datasheet HTML 7Page - SG Micro Corp SGM8061XS Datasheet HTML 8Page - SG Micro Corp SGM8061XS Datasheet HTML 9Page - SG Micro Corp SGM8061XS Datasheet HTML 10Page - SG Micro Corp SGM8061XS Datasheet HTML 11Page - SG Micro Corp SGM8061XS Datasheet HTML 12Page - SG Micro Corp SGM8061XS Datasheet HTML 13Page - SG Micro Corp SGM8061XS Datasheet HTML 14Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SGM8061/2/3
10
Typical Application Circuits
Differential Amplifier
The circuit shown in Figure 3 performs the difference function.
If the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then
VOUT = ( Vp – Vn ) × R2 / R1 + Vref.
Vn
Vp
VOUT
SGM8061
Vref
R1
R2
R3
R4
Figure 3. Differential Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 4 has a DC gain of ( - R2 / R1 )
and the –3dB corner frequency is 1/2
πR2C. Make sure the filter
is within the bandwidth of the amplifier. The Large values of
feedback resistors can couple with parasitic capacitance and
cause undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistors value as low as possible
and consistent with output loading consideration.
VIN
VOUT
SGM8061
R1
R2
R3 = R1 // R2
C
Figure 4. Low Pass Active Filter
Driving Video
The SGM806x can be used in video applications like in Figure 5.
VIN
SGM8061
RG
RF
75
Ω
75
Ω
CABLE
VOUT
75
Ω
G = 1 + RF / RG
Figure 5. Typical Video Driving


Similar Part No. - SGM8061XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8061XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
EL8302 INTERSIL-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com