Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB71101-433-FM-A Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # EVB71101-433-FM-A
Description  315/433MHz Receiver Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71101-433-FM-A Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button EVB71101-433-FM-A Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71101-433-FM-A Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EVB71101
315/433MHz Receiver
Evaluation Board Description
39012 71101 01
Page 6 of 14
EVB Description
Rev. 011
June/07
2
Application Circuits
2.1
FSK Application Circuit
2.1.1
Circuit Diagram for FSK Reception
Circuit Features
Tolerates input frequency variations
Well-suited for NRZ, Manchester and similar codes
CERFIL
VEE
OUT_MIX2
IN_IFA
FBC1
FBC2
VCC
OUT_IFA
LF
VEE
IN_LNA
VCC
VEE
ENRX
VCC
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
8
1
2
3
45
67
RO
TH71101
VCC
VCC
C12
CERDIS
XTAL
FSK output
CB3
C11
C10
VCC
C9
CB4
CB5
CB1
12
GND
VCC
CB6
12
12
C15
C16
R4
R5
CB2
VCC
C1
C_RO
C3
R1
GND
ENRX
VCC
RO
GND
CB7
C7
CB8
C6
C17
R2
L2
SAWFIL
1
3
4
6
L1
IN_LNA
L3


Similar Part No. - EVB71101-433-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-A MELEXIS-EVB71102-315-ASK-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-C MELEXIS-EVB71102-315-ASK-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-A MELEXIS-EVB71102-315-FM-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-C MELEXIS-EVB71102-315-FM-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71101-433-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com