Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8521 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8521
Description  150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8521 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8521 Datasheet HTML 1Page - SG Micro Corp SGM8521 Datasheet HTML 2Page - SG Micro Corp SGM8521 Datasheet HTML 3Page - SG Micro Corp SGM8521 Datasheet HTML 4Page - SG Micro Corp SGM8521 Datasheet HTML 5Page - SG Micro Corp SGM8521 Datasheet HTML 6Page - SG Micro Corp SGM8521 Datasheet HTML 7Page - SG Micro Corp SGM8521 Datasheet HTML 8Page - SG Micro Corp SGM8521 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SGM8521/8522/8524
ELECTRICAL CHARACTERISTICS : VS = +5V
(At RL = 500kΩ connected to Vs/2 and VOUT = Vs/2, unless otherwise noted)
SGM8521/8522/8524
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
Symbol
CONDITION
+25℃
+25
0℃ to
70℃
- 40℃ to
+85℃
- 40℃ to
+125℃
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage
Input Bias Current
Input Offset Current
Common-Mode Voltage Range
Common-Mode Rejection Ratio
Open-Loop Voltage Gain
Input Offset Voltage Drift
VOS
IB
IOS
VCM
CMRR
AOL
∆VOS/∆T
VS = 5.5V
VS = 5.5V, VCM = -0.1V to 4 V
VS = 5.5V, VCM = -0.1V to 5.6 V
RL= 100KΩ ,Vo = 0.1V to 4.9V
RL=500KΩ ,Vo = 0.015V to 4.965V
±0.8
0.5
0.5
-0.1 to +5.6
91
83
100
104
1.7
±3.5
72
63
84
90
mV
pA
pA
V
dB
dB
dB
dB
µV/℃
MAX
TYP
TYP
TYP
MIN
MIN
MIN
MIN
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current
Short-Circuit Current
IOUT
ISC
RL = 500KΩ
0.005
22
V
mA
mA
MAX
MIN
TYP
POWER SUPPLY
Operating Voltage Range
Power Supply Rejection Ratio
Quiescent Current / Amplifier
PSRR
IQ
Vs = +2.5 V to + 5.5 V
VCM = (-VS) + 0.5
IOUT = 0
91
4.7
2.1
5.5
V
V
dB
µA
MIN
MAX
MIN
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product
Slew Rate
Settling Time to 0.1%
Overload Recovery Time
GBP
SR
tS
CL = 100pF
G = +1 , 2V Output Step
G = +1, 2 V Output Step
VIN ·Gain = Vs
150
0.04
32
KHz
V/µs
µs
µs
TYP
TYP
TYP
TYP
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1kHz
f = 10kHz
40
12
nV/ Hz
nV/ Hz
TYP
TYP
Specifications subject to change without notice.


Similar Part No. - SGM8521

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8521 SGMICRO-SGM8521 Datasheet
361Kb / 15P
   CMOS Operational Amplifiers
SGM8521 SGMICRO-SGM8521 Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8521XN5/TR SGMICRO-SGM8521XN5/TR Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8521XS/TR SGMICRO-SGM8521XS/TR Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8521 SGMICRO-SGM8521_17 Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8521

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com