Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8093 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8093
Description  350MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8093 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8093 Datasheet HTML 1Page - SG Micro Corp SGM8093 Datasheet HTML 2Page - SG Micro Corp SGM8093 Datasheet HTML 3Page - SG Micro Corp SGM8093 Datasheet HTML 4Page - SG Micro Corp SGM8093 Datasheet HTML 5Page - SG Micro Corp SGM8093 Datasheet HTML 6Page - SG Micro Corp SGM8093 Datasheet HTML 7Page - SG Micro Corp SGM8093 Datasheet HTML 8Page - SG Micro Corp SGM8093 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SGM8091
SGM8092
SGM8093
SGM8094
PRODUCT DESCRIPTION
The SGM8091/8093(single), SGM8092 (dual), SGM8094
(quad) are rail-to-rail output
voltage feedback
amplifiers offering ease of use and low cost. They
have bandwidth and slew rate typically found in
current feedback amplifiers. All have a wide input
common-mode voltage range and output voltage
swing, making them easy to use on single supplies as
low as 2.5 V.
Despite being low cost, the SGM8091 series provide
excellent overall performance. They offer wide
bandwidth to 350 MHz (G = +1) along with 0.1 dB
flatness out to 125 MHz (G = +1) and offer a typical
low power of 4.3 mA/amplifier.
The SGM8091 series are low distortion and fast
settling make them ideal for buffering high speed A/D
or D/A converters. The SGM8093 has a power-down
disable feature that reduces the supply current to
75µA. These features make the SGM8093 ideal for
portable and battery-powered applications where size
and power are critical. All are specified over the
extended –40°C to +125°C temperature range.
PIN CONFIGURATIONS (Top View)
+VS
-IN
1
2
3
4
5
OUT
-VS
+IN
SGM8091
SOT23-5
-IN
+IN
-VS
NC
(SGM8093 ONLY)
1
2
3
4
5
6
7
8
+VS
SGM8091/8093
SO-8
NC
OUT
DISABLE
NC = NO CONNECT
OUT A
OUT B
+IN2
+VS
1
2
3
4
5
6
7
8
-IN1
+IN1
-VS
-IN2
SGM8092
SO-8 / MSOP-8
OUT 1
2
3
4
5
6
-VS
+IN
+VS
DISABLE
-IN
SOT23-6
SGM8093
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM8094
TSSOP-16 / SO-16
6
7
8
9
10
11
12
13
14
15
16
-INB
+INB
-INC
NC
NC
OUT B
OUT C
+INC
OUT D
NC = NO CONNECT
350MHz, Rail-to-Rail Output
CMOS Operational Amplifier
FEATURES
• Low Cost
• Rail-to-Rail Output
2mV Typical VOS
• High Speed
350 MHz, –3 dB Bandwidth (G = +1)
265 V/µs, Slew Rate
32 ns Settling Time to 0.1% with 2V Step
• Operates on 2.5V to 5.5 V Supplies
• Input Voltage Range = – 0.2 V to + 3.8 V with VS = 5 V
• Excellent Video Specs (RL = 150
Ω, G = +2)
Gain Flatness 0.1dB to 70 MHz
Diff Gain: 0.004 % , Diff Phase: 0.08 degree
• Low Power
4.3 mA/Amplifier Typical Supply Current
SGM8093 75µA when Disabled
• Small Packaging
SGM8091 Available in SO-8 and SOT23-5
SGM8092 Available in SO-8 and MSOP-8
SGM8093 Available in SO-8 and SOT23-6
SGM8094 Available in SO-16 and TSSOP-16
APPLICATIONS
Imaging
Photodiode Preamp
Professional Video and Cameras
Hand Sets
DVD/CD
Base Stations
Filters
A - to - D Driver
Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency(MHz)
G = +1
RL = 1K
Ω
RF = 24
Ω
G = +2
RL = 150
Ω
RF = 600
Ω
Vo = 0.1VP-P
REV. B
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com


Similar Part No. - SGM8093

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8093

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com