Part Name
         Description
SGM8091

 350MHz, Rail-to-Rail Output CMOS Operational Amplifier ( 17 Page)


SGMICRO
100% 
Zoom Out Zoom In
 9 page
background image
SGM8091/2/3/4
APPLICATION NOTES
Driving Capacitive Loads
The SGM809x family is optimized for bandwidth and speed,
not for driving capacitive loads. Output capacitance will
create a pole in the amplifier’s feedback path, leading to
excessive peaking and potential oscillation. If dealing with
load capacitance is a requirement of the application, the two
strategies to consider are (1) using a small resistor in series
with the amplifier’s output and the load capacitance and (2)
reducing the bandwidth of the amplifier’s feedback loop by
increasing the overall noise gain.
Figure 1 shows a unity gain follower using the series resistor
strategy. The resistor isolates the output from the capacitance
and, more importantly, creates a zero in the feedback path
that compensates for the pole created by the output
capacitance.
VIN
VOUT
SGM8091
CLOAD
RISO
Figure 1
. Series Resistor Isolating Capacitive Load
Power-Supply Bypassing and
Layout
The SGM809x family operates from either a single +2.7V to
+5.5V supply or dual ±1.35V to ±2.75V supplies. For
single-supply operation, bypass the power supply VDD with a
0.1µF ceramic capacitor which should be placed close to the
VDD pin. For dual-supply operation, both the VDD and the VSS
supplies should be bypassed to ground with separate 0.1µF
ceramic capacitors. 2.2µF tantalum capacitor can be added
for better performance.
Good PC board layout techniques optimize performance by
decreasing the amount of stray capacitance at the op amp’s
inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount
components whenever possible.
For the high speed operational amplifier, soldering the part to
the board directly is strongly recommended. Try to keep the
high frequency big current loop area small to minimize the
EMI (electromagnetic interfacing).
SGM8091
VDD
Vn
Vp
VSS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8091
Vn
Vp
VDD
VSS(GND)
VOUT
10µF
0.1µF
Figure 2. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for high speed circuit
design. The length of the current path speed currents in an
inductive ground return will create an unwanted voltage
noise. Broad ground plane areas will reduce the parasitic
inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGM8051250MHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
SGM8061500MHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
SGM80671.5GHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 Shengbang Microelectronics Co, Ltd
LMV341RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
TLV341_07LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
AZV321SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TS912_06Rail-to-Rail CMOS Dual Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
TS914_07Rail-to-rail CMOS quad operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LMP2015High Precision Rail-to-Rail Output Operational Amplifier Coming SoonIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl