Part Name
         Description
EVB71111-868-FSK-C

 868/915MHz Receiver Evaluation Board Description ( 14 Page)


MELEXIS
100% 
Zoom Out Zoom In
 
 13 page
background image
EVB71111
868/915MHz Receiver
Evaluation Board Description
39012 71111 01
Page 13 of 14
EVB Description
Rev. 011
June/07
5
Package Description
The device TH71111 is RoHS compliant.
Fig. 2:
LQFP32 (Low profile Quad Flat Package)
All Dimension in mm, coplanaríty < 0.1mm
E1, D1
E, D
A
A1
A2
e
b
c
L
α
min
1.40
0.05
1.35
0.30
0.09
0.45
max
7.00
9.00
1.60
0.15
1.45
0.8
0.45
0.20
0.75
All Dimension in inch, coplanaríty < 0.004”
min
0.055
0.002
0.053
0.012
0.0035
0.018
max
0.276
0.354
0.063
0.006
0.057
0.031
0.018
0.0079
0.030
5.1
Soldering Information
The device TH71111 is qualified for MSL3 with soldering peak temperature 260 deg C
according to JEDEC J-STD-2.
1
32
25
17
24
8
9
16
D
D1
E1
e
b
E
A2
A
A1
L
c
0.25
(0.0098)
12°
+
12°
+
.10 (.004)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EVB71101315/433MHz Receiver Evaluation Board Description 1 2 3 4 5 MoreMelexis Microelectronic Systems
EVB71102315/433MHz Receiver Evaluation Board Description 1 2 3 4 5 MoreMelexis Microelectronic Systems
EVB712227 to 930MHz Transceiver Evaluation Board Description 1 2 3 4 5 MoreMelexis Microelectronic Systems
CDB4352Evaluation Board for CS4352 1 2 3 4 5 MoreCirrus Logic
CDB5330AEvaluation Board 1 2 3 4 5 MoreCirrus Logic
ECLSOIC8EVBEvaluation Board Manual for High Frequency SOIC 8 1 2 3 4 5 MoreON Semiconductor
EV00356 White LEDs 20mA Precision WLED Driver Evaluation Board 1 2 3 4 Monolithic Power Systems
EV2360DG-00B1.8A 24V 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board 1 2 3 4 Monolithic Power Systems
SP6138_06Evaluation Board Manual 1 2 3 4 5 MoreSipex Corporation
SP7618_06Evaluation Board Manual 1 2 3 4 5 MoreSipex Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl