Part Name
         Description
SGM8061

 500MHz, Rail-to-Rail Output CMOS Operational Amplifier ( 14 Page)


SGMICRO
100% 
Zoom Out Zoom In
 
 2 page
background image
SGM8061/2/3
ELECTRICAL CHARACTERISTICS :VS = +5V
(G=+2, RF = 402Ω, RL = 150Ω, unless otherwise noted)
SGM8061/2/3
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITION
+25℃
+25℃
0℃
to70℃
-40℃to
85℃
-40℃to
125℃
UNITS
MIN/
MAX
DYNAMIC PERFORMANCE
-3dB Small Signal Bandwidth
Gain-Bandwidth Product
Bandwidth for 0.1dB Flatness
Slew Rate
Rise-and-Fall Time
Settling Time to 0.1%
Overload Recovery Time
G = +1, Vo = 0.1 V p-p, RF = 24Ω,
G = +1, Vo = 0.1 V p-p, RF = 24Ω, RL = 1KΩ
G = +2, Vo = 0.1 V p-p, RL = 50Ω
G = +2, Vo = 0.1 V p-p, RL = 150Ω
G = +2, Vo = 0.1 V p-p, RL = 1kΩ
G = +2, Vo = 0.1 V p-p, RL = 10kΩ
G = +10, RL = 150Ω
G = +10, RL = 1KΩ
G = +1, Vo = 0.1 V p-p, RF = 24Ω
G = +2, Vo = 0.1 V p-p, RF = 330Ω
G = +1, 2V Output Step
G = +2, 2V Output Step
G = +2, 4V Output Step
G = +2, Vo = 0.2 V p-p, 10% to 90%
G = +2, Vo = 2 V p-p, 10% to 90%
G = +2, 2 V Output Step
VIN﹒G = +VS
500
550
130
210
250
420
200
230
130
80
320/-370
350/-320
420/-390
4
4.5
16
6.2
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
V/µS
V/µS
V/µS
ns
ns
ns
ns
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
TYP
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion
2nd-Harmonic
3rd-Harmonic
Input Voltage Noise
Input Current Noise
Differential Gain Error (NTSC)
Differential Phase Error (NTSC)
G = +2, f = 1MHz, VO = 2Vp-p, RL = 150Ω
G = +2, f = 1MHz, VO = 2Vp-p, RL = 150Ω
f = 1MHz
f = 1MHz
G = +2, RL = 150Ω
G = +2, RL = 150Ω
5.6
0.015
0.05
dBc
dBc
nV/ Hz
f A/ Hz
%
degree
TYP
TYP
TYP
TYP
TYP
TYP
DC PERFORMANCE
Input Offset Voltage (VOS)
Input Offset Voltage Drift
Input Bias Current(IB
Input offset Current(IOS
Open-Loop Gain (AOL)
VO = 0.3 V to 4.7 V, RL = 150Ω
VO = 0.2 V to 4.8 V, RL = 1KΩ
±2
3
6
2
80
104
±8
75
90
±8.5
75
90
±9
74
89
±9.3
70
80
mV
µV/℃
pA
pA
dB
dB
MAX
TYP
TYP
TYP
MIN
MIN
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
(VCM)
Common-Mode Rejection Ratio(CMRR)
VCM = - 0.1 V to + 3.5 V
-0.2 to +3.8
80
66
65
64
62
V
dB
TYP
MIN
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current
Closed-Loop Output Impedance
RL = 150Ω
RL = 1KΩ
f<100kHz
0.12
0.03
120
0.015
100
98
93
87
V
V
mA
TYP
TYP
MIN
TYP
POWER-DOWN DISABLE
Turn-On Time
Turn-Off Time
DISABLE Voltage-Off
DISABLE Voltage-On
50
44
0.8
2
ns
ns
V
V
TYP
TYP
MAX
MIN
POWER SUPPLY
Operating Voltage Range
Quiescent Current (per amplifier)
Supply Current when Disabled
(SGM8063 only)
Power Supply Rejection Ratio (PSRR)
∆Vs = + 2.7V to + 5.5V, VCM = (-VS) + 0.5
8.2
75
80
2.5
5.5
10
120
66
2.7
5.5
10.3
127
66
2.7
5.5
10.5
130
65
2.7
5.5
11
139
63
V
V
mA
µA
dB
MIN
MAX
MAX
MAX
MIN
Specifications subject to change without notice.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGM8051250MHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
S-89430AMINI ANALOG SERIES 0.5 μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSeiko Instruments Inc
TS924_05Rail-to-rail High Output Current Quad Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
ALD2704ADUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAdvanced Linear Devices
LMH6618130 MHz 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown Coming SoonNational Semiconductor
AZV321_01SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1 2 BCD Semiconductor Manufacturing Limited
LMV341RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
TLV341_07LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl