Part Name
         Description
SGM8051

 250MHz, Rail-to-Rail Output CMOS Operational Amplifier ( 20 Page)


SGMICRO
100% 
Zoom Out Zoom In
 
 5 page
background image
SGM8051/2/3/4/5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25℃, VS = +5V, G = +2, RF = 887
Ω, RG = 887Ω, and RL = 150Ω connected to Vs/2,unless otherwise noted.
Large-Signal Disable/Enable Response
-1
0
1
2
3
4
5
6
Time(500ns/div)
Enabled
Disabled
Vs = 5V
G = +2
fIN = 2MHz
VOUT = 2V
Maximum Output Voltage vs.Frequency
0
1
2
3
4
5
6
110
100
Frequency(MHz)
Vs = 5.5V
Maximum Output Voltage
Without Slew-Rate
Induced Distortion
Vs = 2.7V
Non-Inverting Small Signal Step Response
Non-Inverting Large Signal Step Response
Time(50ns/div)
Time(50ns/div)
Disabled Output Isolation Frequency Response
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency(MHz)
Vo = 0.2VP-P
VDISABLE = 0V
RL = 1K
Ω
Rail-To-Rail
G = +2
RF = 887
RL = 1K
4.88V
0V
Time(200ns/div)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
AZV321SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AD8691Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
TS912_06Rail-to-Rail CMOS Dual Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
AD866316V 180μA Low Power Low Noise Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 Analog Devices
TS914_07Rail-to-rail CMOS quad operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LMP2015High Precision Rail-to-Rail Output Operational Amplifier Coming SoonIntersil Corporation
TLV341_07LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
SGM3211MHz 60μA Rail-to-Rail I/O CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl