Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBC40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # IRFBC40
Description  N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRFBC40 Datasheet(HTML) 2 Page - STMicroelectronics

  IRFBC40 Datasheet HTML 1Page - STMicroelectronics IRFBC40 Datasheet HTML 2Page - STMicroelectronics IRFBC40 Datasheet HTML 3Page - STMicroelectronics IRFBC40 Datasheet HTML 4Page - STMicroelectronics IRFBC40 Datasheet HTML 5Page - STMicroelectronics IRFBC40 Datasheet HTML 6Page - STMicroelectronics IRFBC40 Datasheet HTML 7Page - STMicroelectronics IRFBC40 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-ca se
Rthj -am b
Rthc-si nk
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
1.0
62. 5
0.5
300
oC/W
oC/ W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max)
6.2
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
580
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
600
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
2
34V
RDS(on)
St atic Drain-source On
Resistance
VGS =10V
ID = 3.7 A
1.0
1.2
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
6. 2
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on) max
ID =3.7 A
4. 7
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1300
180
15
pF
pF
pF
IRFBC40
2/8


Similar Part No. - IRFBC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
   6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFBC40 IRF-IRFBC40 Datasheet
97Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Vishay Siliconix
IRFBC40 VISHAY-IRFBC40 Datasheet
590Kb / 8P
   Power MOSFET
S-81303-Rev. A, 16-Jun-08
logo
Kersemi Electronic Co.,...
IRFBC40 KERSEMI-IRFBC40 Datasheet
2Mb / 7P
   Power MOSFET
More results

Similar Description - IRFBC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
   N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
   N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
   N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
STP9NB60 STMICROELECTRONICS-STP9NB60 Datasheet
108Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
   N-CHANNEL 12A - 600V TO-220 PowerMESH??IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
   N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
   N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
   N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com