Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4782YTS Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM4782YTS
Description  0.5廓, High Speed, Low Voltage Analog Switch / Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4782YTS Datasheet(HTML) 2 Page - SG Micro Corp

  SGM4782YTS Datasheet HTML 1Page - SG Micro Corp SGM4782YTS Datasheet HTML 2Page - SG Micro Corp SGM4782YTS Datasheet HTML 3Page - SG Micro Corp SGM4782YTS Datasheet HTML 4Page - SG Micro Corp SGM4782YTS Datasheet HTML 5Page - SG Micro Corp SGM4782YTS Datasheet HTML 6Page - SG Micro Corp SGM4782YTS Datasheet HTML 7Page - SG Micro Corp SGM4782YTS Datasheet HTML 8Page - SG Micro Corp SGM4782YTS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SGM4782
ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
TQFN-16
- 40°C to +85°C
SGM4782YTQ16/TR
4782TQ
Tape and Reel, 3000
SGM4782
TSSOP-16
- 40°C to +85°C
SGM4782YTS/TR
SGM4782YTS
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ to GND.......................................................................0V to +4.6V
Analog, Digital voltage range(1)...................... - 0.3V to (V+ + 0.3V)
Continuous Current X_, Y_, X or Y ....................................±250mA
Peak Current X_, Y_, X or Y ...............................................±400mA
Operating Temperature Range..................................- 40°C to +85°C
Junction Temperature.............................................................+150°C
Storage Temperature................................................- 65°C to +150°C
Lead Temperature (soldering, 10s)..........................................+260°C
ESD Susceptibility
HBM..........................................................................................4000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
PIN
TSSOP-16
TQFN-16
NAME
FUNCTION
1,5,2,4
15,3,16,2
Y0-Y3
Analog Switch Y Inputs Y0-Y3.
3
1
Y
Analog Switch Y Output.
6
4
ENABLE
Digital Enable Input. Normally connect to GND. Drive
to logic high to set all switches off.
7
5
N.C.
Not internally connected.
8
6
GND
Ground.
9
7
B
Digital Address B Input.
10
8
A
Digital Address A Input.
12,14,15,11
10,12,13,9
X0-X3
Analog Switch X Inputs X0-X3.
13
11
X
Analog Switch X Output.
16
14
V+
Positive Analog and Digital Supply Voltage Input.


Similar Part No. - SGM4782YTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4782 SGMICRO-SGM4782_15 Datasheet
337Kb / 11P
   Analog Switch/Multiplexer
More results

Similar Description - SGM4782YTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS4624 IDT-IDTAS4624 Datasheet
268Kb / 15P
   0.5廓 LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM5018 SGMICRO-SGM5018 Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
   Low Voltage Analog Switch/Multiplexer
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com