Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US891 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # US891
Description  Two-Coil Fan Driver - High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button US891 Datasheet HTML 4Page - Melexis Microelectronic Systems US891 Datasheet HTML 5Page - Melexis Microelectronic Systems US891 Datasheet HTML 6Page - Melexis Microelectronic Systems US891 Datasheet HTML 7Page - Melexis Microelectronic Systems US891 Datasheet HTML 8Page - Melexis Microelectronic Systems US891 Datasheet HTML 9Page - Melexis Microelectronic Systems US891 Datasheet HTML 10Page - Melexis Microelectronic Systems US891 Datasheet HTML 11Page - Melexis Microelectronic Systems US891 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 10 of 12
Data Sheet
Rev 002
Sep/07
15 Standard information regarding manufacturability of Melexis
products with different soldering processes
Our products are classified and qualified regarding soldering technology, solderability and moisture sensitivity
level according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profiles according to table 5-2)
EIA/JEDEC JESD22-A113
Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
(reflow profiles according to table 2)
Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EN60749-20
Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat
EIA/JEDEC JESD22-B106 and EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Iron Soldering THD’s (Through Hole Devices)
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EIA/JEDEC JESD22-B102 and EN60749-21
Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak
temperature, temperature gradient, temperature profile etc) additional classification and qualification tests
have to be agreed upon with Melexis.
The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance of
adhesive strength between device and board.
Melexis is contributing to global environmental conservation by promoting lead free solutions. For more
information on qualifications of RoHS compliant products (RoHS = European directive on the Restriction Of
the use of certain Hazardous Substances) please visit the quality page on our website:
http://www.melexis.com/quality.aspx
16 ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.


Similar Part No. - US891

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US891 MELEXIS-US891 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
More results

Similar Description - US891

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com