Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US890 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # US890
Description  Two-Coil Fan Driver - High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US890 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button US890 Datasheet HTML 4Page - Melexis Microelectronic Systems US890 Datasheet HTML 5Page - Melexis Microelectronic Systems US890 Datasheet HTML 6Page - Melexis Microelectronic Systems US890 Datasheet HTML 7Page - Melexis Microelectronic Systems US890 Datasheet HTML 8Page - Melexis Microelectronic Systems US890 Datasheet HTML 9Page - Melexis Microelectronic Systems US890 Datasheet HTML 10Page - Melexis Microelectronic Systems US890 Datasheet HTML 11Page - Melexis Microelectronic Systems US890 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 9 of 12
Data Sheet
Rev 002
Sep/07
13 Application Information
13.1 Typical application circuit
13.2 Recommended circuit for ground
disconnection protection
14 Application Comments
The application 13.1 shows the typical application including a diode D1 for additional reverse voltage
protection. Without this diode, the reverse current in each coil is equal to the fan peak current, as it is only
limited by its coil resistances. In some fan construction where the peak current is not so big, this situation
may be acceptable by both IC and coils for short period of time. However, a long exposure may seriously
affect the reliability or damage each of them by overheating.
The diode D1 connected in series between the supply voltage and the common point of the coils prevents
this reverse current to flow. It prevents such reverse voltage damage and best protects both IC and coils.
The application 13.2 is given in case the ground connection might be disconnected while the fan operates. At
this moment, the current flowing through the coils may circulate from the output (OUT1 or OUT2) to the
FG/RD output driver in reverse direction. High reverse current may damage the logic output driver.
A bypass capacitor connected between the coil common node and the device ground should prevent such
damage occurring by providing a close path to this current.
The value of the capacitor needs to be tuned with the motor characteristics. Higher inductance may require
higher capacitor value.
For 2-wire fan application (tachometer or alarm logical output not required), the FG/RD pin (#1) should be
connected to the device ground pin (#4).


Similar Part No. - US890

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
More results

Similar Description - US890

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com