Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2881LSE Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # US2881LSE
Description  Bipolar Hall Switch - Very High Sensitivity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2881LSE Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  US2881LSE Datasheet HTML 1Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 2Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 3Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 4Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 5Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 6Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 7Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 8Page - Melexis Microelectronic Systems US2881LSE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
US2881
Bipolar Hall Switch – Very High Sensitivity
3901002881
Page 5 of 12
Data Sheet
Rev 012
Aug/06
9 Detailed General Description
Based on mixed signal CMOS technology, Melexis US2881 is a Hall-effect device with very high magnetic
sensitivity. It allows using generic magnets, weak magnets or larger air gap.
The chopper-stabilized amplifier uses switched capacitor technique to suppress the offset generally observed
with Hall sensors and amplifiers. The CMOS technology makes this advanced technique possible and
contributes to smaller chip size and lower current consumption than bipolar technology. The small chip size is
also an important factor to minimize the effect of physical stress.
This combination results in more stable magnetic characteristics and enables faster and more precise design.
The wide operating voltage from 3.5V to 24V, “L” and “E” operating temperature range and low current
consumption make this device especially suitable for automotive and BLDC motor applications.
The output signal is open-drain type. Such output allows simple connectivity with TTL or CMOS logic by using
a pull-up resistor tied between a pull-up voltage and the device output.
10 Unique Features
The US2881 exhibits bipolar magnetic switching characteristics. Therefore, it operates with both south and
north poles.
Latch characteristic
Typically, the device behaves as a latch with symmetric
operating and release switching points (BOP=|BRP|). This means
magnetic fields with equivalent strength and opposite direction
drive the output high and low.
Removing the magnetic field (B→0) keeps the output in its
previous state. This latching property defines the device as a
magnetic memory.
Depending on the magnetic switching points, the device may also behave as a unipolar positive switch (BOP
and BRP strictly positive) or negative switch (BOP and BRP strictly negative). That is the output can be set high
and low by only using one magnetic pole. In such case, removing the magnetic field changes the output level.
Unipolar positive switch characteristic
Unipolar negative switch characteristic
In latch, positive or negative switch behaviour, a magnetic hysteresis BHYST keeps BOP and BRP separated by
a minimal value. This hysteresis prevents output oscillation near the switching point.


Similar Part No. - US2881LSE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2881LSE-AAA-000-RE MELEXIS-US2881LSE-AAA-000-RE Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
More results

Similar Description - US2881LSE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US4881 MELEXIS-US4881 Datasheet
442Kb / 11P
   Bipolar Hall Switch Low Voltage & Very High Sensitivity
US4881 MELEXIS-US4881_12 Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
logo
SEC Electronics Inc.
SS1636 SECELECTRONICS-SS1636 Datasheet
261Kb / 5P
   Unipolar Hall Switch-High sensitivity
logo
Melexis Microelectronic...
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com