Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2882EUA Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US2882EUA
Description  Bipolar Hall Switch - Very High Sensitivity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2882EUA Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US2882EUA Datasheet HTML 1Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 2Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 3Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 4Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 5Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 6Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 7Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 8Page - Melexis Microelectronic Systems US2882EUA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
US2882
Bipolar Hall Switch – Very High Sensitivity
390100288201
Page 4 of 12
Data Sheet
Rev 001
Aug/06
6 General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
12
24
V
Supply Current
IDD
B < BRP
1.1
2.6
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.11
0.5
V
Output Leakage Current
IOFF
B < BRP, VOUT = 24V
0.01
10
µA
Output Rise Time
tr
RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1kΩ, CL = 20pF
0.25
µs
Maximum Switching Frequency
FSW
10
KHz
SE Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
UA Package Thermal Resistance
RTH
200
°C/W
Table 3: Electrical specifications
7 Magnetic Specifications
DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
-3
6
mT
Release Point
BRP
-6
3
mT
Hysteresis
BHYST
E spec. (TA max = 85°C)
1.5
6
mT
Operating Point
BOP
-3.5
6
mT
Release Point
BRP
-6
3.5
mT
Hysteresis
BHYST
L spec. (TA max = 150°C)
1.5
6
mT
Table 4: Magnetic specifications
Note: For typical values, please refer to the performance graphs in section 11
8 Output Behaviour versus Magnetic Pole
DC Operating Parameters TA = -40
oC to 150oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Test Conditions (SE)
OUT (SE) Test Conditions (UA)
OUT (UA)
South pole
B < BRP
High
B > BOP
Low
North pole
B > BOP
Low
B < BRP
High
Table 5: Output behaviour versus magnetic pole
South pole
OUT = high
North pole
OUT = low (VDSon)
North pole
OUT = high
South pole
OUT = low (VDSon)
SE package
UA package


Similar Part No. - US2882EUA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2882EUA-AAA-000-BU MELEXIS-US2882EUA-AAA-000-BU Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
More results

Similar Description - US2882EUA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US4881 MELEXIS-US4881 Datasheet
442Kb / 11P
   Bipolar Hall Switch Low Voltage & Very High Sensitivity
US4881 MELEXIS-US4881_12 Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
logo
SEC Electronics Inc.
SS1636 SECELECTRONICS-SS1636 Datasheet
261Kb / 5P
   Unipolar Hall Switch-High sensitivity
logo
Melexis Microelectronic...
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
   Unipolar Hall Switch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com