Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL0301 Datasheet(PDF) 8 Page - Power IC Ltd.

Part # PL0301
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301 Datasheet(HTML) 8 Page - Power IC Ltd.

Back Button PL0301 Datasheet HTML 4Page - Power IC Ltd. PL0301 Datasheet HTML 5Page - Power IC Ltd. PL0301 Datasheet HTML 6Page - Power IC Ltd. PL0301 Datasheet HTML 7Page - Power IC Ltd. PL0301 Datasheet HTML 8Page - Power IC Ltd. PL0301 Datasheet HTML 9Page - Power IC Ltd. PL0301 Datasheet HTML 10Page - Power IC Ltd. PL0301 Datasheet HTML 11Page - Power IC Ltd. PL0301 Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PL0301
OPERATION
Enable Input
The PL0301 are ultra-low-noise, low-dropout, low-
quiescent current linear regulators designed for
space-restricted applications. These devices can
supply loads up to 300mA. As shown in the Block
Diagram, the PL0301 consists of a highly accurate
band gap core, noise bypass circuit, error amplifier,
P-channel pass transistor and an internal feedback
voltage divider. The 1.0V band gap reference is
connected to the error amplifier’s inverting input.
The error amplifier compares this reference with
the feedback voltage and amplifies the difference.
If the feedback voltage is lower than the reference
voltage, the pass transistor gate is pulled low. This
allows more current to pass to the output and
increases the output voltage. If the feedback
voltage is too high, the pass transistor gate is
pulled high, allowing less current to pass to the
output. The output voltage is feedback through an
internal resistor voltage divider connected to the
OUT pin. An external bypass capacitor connected
to BYP reduces noise at the output. Additional
blocks include a current limiter, over temperature
protection, and shutdown logic.
The PL0301 features an active-high Enable input
(EN) pin that allows on/off control of the regulator.
The PL0301 bias current reduces to less than
microampere of leakage current when it is
shutdown.
The
Enable
input
is
TTL/CMOS
compatible threshold for simple logic interfacing.
When EN is ‘H,’ the output voltage startup rising
time is 135us typically at 300mA output current.
Connect EN pin to IN pin for normal operation.
Under Voltage Lockout
When the input supply goes too low (below 2.0V)
the PL0301 produces an internal UVLO (under
voltage lockout) signal that generates a fault signal
and shuts down the chip. This mechanism protects
the chip from producing false logic due to low input
supply.
Quick Charging Mode
The PL0301 has a quick charge block to get the
reference up very quickly by charging the BYP
capacitor with very high current when the chip
comes out of shut down. This quick charge block
stops charging the BYP capacitor when the
reference reaches 95% of its nominal value and
then the chip switches out of quick charging mode
to normal operating mode.
Internal P-Channel Pass Transistor
The PL0301 feature a 1
Ω (typ) P-channel MOSFET
pass transistor. This provides several advantages
over similar designs using a PNP pass transistor,
including longer battery life. The P-channel MOSFET
requires no base drive, which considerably reduces
quiescent current. PNP-based regulators waste
considerable current in dropout when the pass
transistor saturates. They also use high base-drive
current under heavy loads. The PL0301 does not
suffer from these problems and consume only 90
μA
of quiescent current in light load and 220
μA in
dropout condition.
Over Temperature Protection
Over temperature protection limits total power
dissipation in the PL0301. When the junction
temperature exceeds Tj= +165°C, the thermal
sensor signals the shutdown logic and turns off the
pass transistor. The thermal sensor turns the pass
transistor on again after the IC’s junction
temperature drops by 20
°C, resulting in a pulsed
output
during
continuous
thermal-overload
conditions.
Current Limit
The PL0301 includes a current limiter. It monitors
the output current and controls the pass transistor’s
gate voltage to limit the output current under
676mA (typ). The output can be shorted to ground
for an indefinite amount of time without damaging
the part.
Thermal-Overload protection is design to protect
the PL0301 in the event of a fault condition. For
continual operation, do not exceed the absolute
maximum junction temperature rating of Tj =
+150
°C.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
8


Similar Part No. - PL0301

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com