Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM812-ZXKA4 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM812-ZXKA4
Description  Microprocessor Supervisory with Manual Reset Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-ZXKA4 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM812-ZXKA4 Datasheet HTML 1Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 2Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 3Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 4Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 5Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 6Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 7Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 8Page - SG Micro Corp SGM812-ZXKA4 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SGM811
SGM812
GENERAL DESCRIPTION
The SGM811/SGM812 supervisory circuits monitor the
power supply voltage in microprocessor and digital
systems. The SGM811/SGM812 is designed to monitor
seven different voltages, these voltages have been selected
for the effective monitoring of 2.5V, 3 V, 3.3 V, and 5 V
supply voltage levels.
They
provide
a
reset
output
during
power-up,
power-down and brownout conditions. On power-up, an
internal timer holds reset asserted for 240 ms. This holds
the microprocessor in a reset state until conditions have
stabilized. The
RESET output remains operational with
VCC as low as 1 V. The SGM811 provides an active low reset
signal (
RESET ) while the SGM812 provides an active high
signal (RESET) output.
The SGM811/SGM812 has a manual reset input. The
manual reset function is very useful, especially if the circuit
in which the SGM811/SGM812 is operating enters into a
state that can only be detected by the user. Allowing the
user to reset a system manually can reduce the damage or
danger that could otherwise be caused by an out-of-control
or locked system. The devices come in a 4-pin SOT143
and 5-pin SOT23 packages.
APPLICATIONS
Microprocessor Systems
Controllers
Intelligent Instruments
Automotive Systems
Safety Systems
Portable Instruments
Microprocessor Supervisory
with Manual Reset Input
FEATURES
Superior Upgrade for MAX811/MAX812 and
ADM811/ADM812
Specified over Temperature
Low Power Consumption (17 μA Typ)
Precision Voltage Monitor: 2.5V,3 V, 3.3 V, 5 V
Options
Reset Assertion Down to 1 V VCC
160 ms Min Power-On Reset
Logic Low RESET Output (SGM811)
Logic High RESET Output (SGM812)
Manual Reset Input
Compact 4-Pin SOT143 and 5-Pin SOT23 Packages
PIN CONFIGURATIONS(TOP VIEW)
1
2
3
4
SOT143-4
GND
VCC
RESET/RESET
MR
1
3
4
SOT23-5
GND
VCC
RESET/RESET
5
MR
2
NC
TYPICAL OPERATION CIRCUIT
MICROPROCESSOR
SYSTEM
SGM811
GND
RESET
MR
RESET
GND
VCC
VCC
100KO
Nov 2006
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com


Similar Part No. - SGM812-ZXKA4

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM812-ZXKA4/TR SGMICRO-SGM812-ZXKA4/TR Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
More results

Similar Description - SGM812-ZXKA4

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
   Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com