Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM812-ZXN5 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM812-ZXN5
Description  Microprocessor Supervisory with Manual Reset Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-ZXN5 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM812-ZXN5 Datasheet HTML 1Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 2Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 3Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 4Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 5Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 6Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 7Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 8Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SGM811/812
3
ELECTRICAL CHARACTERISTICS
(VCC Typ = 5 V for L/M/J Models, 3.3 V for T/S Models, 3 V for R Models, 2.5 V for Z Models; unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
TA = 0°C to 70°C
1.0
5.5
V
Voltage
TA = - 40°C to +125°C
1.2
5.5
V
VCC < 5.5 V, SGM81_L/M/J, TA = 25°C
20
30
µA
VCC < 5.5 V, SGM81_L/M/J, TA = - 40°C to +125°C
50
µA
VCC < 3.6 V, SGM81_R/S/T/Z, TA = 25°C
17
25
µA
Current
VCC < 3.6 V, SGM81_R/S/T/Z, TA = - 40°C to +125°C
45
µA
RESET VOLTAGE THRESHOLD
TA = 25°C
4.537
4.63
4.723
V
SGM81_L
TA = - 40°C to +125°C
4.40
4.86
V
TA = 25°C
4.292
4.38
4.468
V
SGM81_M
TA = - 40°C to +125°C
4.16
4.56
V
TA = 25°C
3.92
4.00
4.08
V
SGM81_J
TA = - 40°C to +125°C
3.8
4.2
V
TA = 25°C
3.003
3.08
3.157
V
SGM81_T
TA = - 40°C to +125°C
2.92
3.23
V
TA = 25°C
2.857
2.93
3.003
V
SGM81_S
TA = - 40°C to +125°C
2.78
3.08
V
TA = 25°C
2.564
2.63
2.696
V
SGM81_R
TA = - 40°C to +125°C
2.50
2.76
V
TA = 25°C
2.262
2. 23
2.378
V
SGM81_Z
TA = - 40°C to +125°C
2.22
2.42
V
RESET THRESHOLD
Temperature Coefficient
30
ppm/°C
VCC to RESET/
RESET
Delay
VCC = VTH to (VTH –100 mV)
20
µs
TA = - 40°C to +85°C
160
240
560
ms
Reset Active Timeout Period
TA = - 40°C to +125°C
100
840
ms
MANUAL RESET
Minimum Pulsewidth
10
µs
Glitch Immunity
100
ns
RESET/ RESET Propagation
Delay
0.5
µs
Pull-Up Resistance
1
The Manual Reset Circuit Will Act On:
An Input Rising Above
VCC > VTH(MAX), SGM81_L/M/J
2.3
V
An Input Falling Below
VCC > VTH(MAX), SGM81_L/M/J
0.8
V
An Input Rising Above
VCC > VTH(MAX), SGM81_R/S/T/Z
0.7×VCC
V
An Input Falling Below
VCC > VTH(MAX), SGM81_R/S/T/Z
0.25×VCC
V


Similar Part No. - SGM812-ZXN5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM812-ZXN5/TR SGMICRO-SGM812-ZXN5/TR Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
More results

Similar Description - SGM812-ZXN5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
   Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com