Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT6390MH-T Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT6390MH-T
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6390MH-T Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT6390MH-T Datasheet HTML 2Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 3Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 4Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 5Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 6Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 7Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 8Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 9Page - Active-Semi, Inc ACT6390MH-T Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACT6390/ACT6391
Rev PrA, 01-Sep-07
Innovative Products. Active Solutions.
- 6 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
(9)
(11)
Inductor Selection
As a step-up converter, the switch duty cycle (D) is
determined by the input voltage (VIN) and output
voltage (VOUT), as given by the following formula:
Define
Where: ∆IL is the inductor ripple current in steady
state, typically chosen to be about 0.3, and
IL(DC) is the inductor DC current, given by:
Where
η is typical efficiency.
Solving equations (3),(4),(5) and (6) for the inductor
value,
This equation can be used to determine the correct
trade-off between efficiency, current ripple, size and
cost.
When selecting an inductor make sure that the in-
ductors maximum DC current and saturation current
exceed the maximum operation point, calculated
by:
and
If the output voltage is greater than two times of
input voltage, that means the duty cycle is greater
than 50%, the slope compensation is required for
stability. When operating in this condition ensure
that the inductor value is greater than LMIN:
Where RCS is the current sense trans-resistance,
RCS is 0.45Ω for ACT6390, and RCS = 0.3Ω for
ACT6391.
For example: VIN = 3.3V, VOUT = 12V, fSW = 700kHz
IOUT = 250mA, η = 85%, FREQ = G, K = 0.4
Select L = 10µH
Assuming the minimum input voltage is 3V and low
cost external components are used, yielding a low
efficiency of just 80%.
For stability,
Which meets the slope compensation requirement.
Loop Compensation
The ACT6390 and ACT6391 feature a simple loop
compensation scheme. Simple follow the procedure
detailed below to determine suitable compensation
components. For best results be sure to prototype
to confirm the values, and adjust the compensation
network (by inspecting the transient response, for
example) as needed to optimize results for your
particular application.
When the converter operates with continuous in-
ductor current, a right-half-plane zero exits in the
loop’s gain-frequency response. To ensure stability,
OUT
IN
OUT
V
V
V
D
(3)
(4)
SW
IN
IN
L
f
L
D
V
DT
L
V
I
Δ
(5)
(6)
 
η
V
I
V
I
IN
OUT
OUT
DC
L
η
V
V
I
I
MIN
IN
OUT
MAX
OUT
MAX
,
DC
L
(8)
(12)
(15)
(10)
SW
CS
IN
OUT
MIN
f
75
.
1
R
V
V
L
L
DC
L
L
I
I
Δ
K
(7)
K
η
f
I
V
V
V
V
L
SW
OUT
IN
OUT
2
OUT
IN


(14)
A
41
.
1
A
32
.
0
2
1
A
25
.
1
I
MAX
PEAK
SW
OUT
MIN
IN
OUT
MIN
IN
MIN
IN
OUT
MAX
OUT
MAX
L
MAX
,
DC
L
MAX
,
PEAK
L
f
L
V
V
V
V
2
1
η
V
V
I
I
Δ
2
1
I
I
H
μ
99
.
7
4
.
0
85
.
0
kHz
700
mA
250
V
3
.
3
V
12
V
12
V
3
.
3
K
η
f
I
V
V
V
V
L
2
SW
OUT
IN
OUT
2
OUT
IN




A
25
.
1
8
.
0
V
3
V
12
mA
250
I
MAX
,
DC
L
(13)
A
32
.
0
kHz
700
H
μ
10
V
12
V
3
V
12
V
3
I
Δ
MAX
L
H
μ
2
.
3
kHz
700
75
.
1
Ω
45
.
0
V
3
.
3
V
12
L
MIN


Similar Part No. - ACT6390MH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6390MH-T ACTIVE-SEMI-ACT6390MH-T Datasheet
481Kb / 11P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
ACT6390MH-T ACTIVE-SEMI-ACT6390MH-T Datasheet
404Kb / 12P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
More results

Similar Description - ACT6390MH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6390 ACTIVE-SEMI-ACT6390_08 Datasheet
481Kb / 11P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
ACT6390 ACTIVE-SEMI-ACT6390_14 Datasheet
404Kb / 12P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com