Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT3704YH Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT3704YH
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704YH Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT3704YH Datasheet HTML 4Page - Active-Semi, Inc ACT3704YH Datasheet HTML 5Page - Active-Semi, Inc ACT3704YH Datasheet HTML 6Page - Active-Semi, Inc ACT3704YH Datasheet HTML 7Page - Active-Semi, Inc ACT3704YH Datasheet HTML 8Page - Active-Semi, Inc ACT3704YH Datasheet HTML 9Page - Active-Semi, Inc ACT3704YH Datasheet HTML 10Page - Active-Semi, Inc ACT3704YH Datasheet HTML 11Page - Active-Semi, Inc ACT3704YH Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 8 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
FUNCTIONAL DESCRIPTION
The ACT3704 is an intelligent, stand-alone Con-
stant-Current, Constant-Voltage control (CC/CV),
linear-mode, single-cell charger for Lithium-Based
cell chemistries. The device incorporates current
and voltage sense circuitry, an internal 12V power
MOSFET, a 120°C thermal-regulation loop that mini-
mizes total charge time, a complete state-machine
that implements charge safety features, and circuitry
that eliminates the reverse-blocking diode required
by conventional charger designs.
The ACT3704 features an accurate charge termina-
tion voltage, programmable fast-charge constant
current, and a programmable charge safety timeout
period. Other features include current-limited nSTAT
and nEOC outputs that can directly drive LED indi-
cators without external resistors or provide a logic-
level status signal to the host microprocessor.
CC/CV Regulation Loop
At the core of the ACT3704 is a CC/CV regulation
loop, which regulates either current or voltage as
necessary to ensure fast and safe charging of the
battery.
In a normal charge cycle, this loop regulates the cur-
rent to the value set by RISET. Charging continues at
this current until the battery voltage reaches the
charge termination voltage. At this point the CV loop
takes over, and charge current is allowed to de-
crease as necessary to maintain charging at the
charge termination voltage.
Setting The Charge Termination Voltage
The ACT3704 offers two pin-programmable battery
termination voltages; connect ADJ to G to select a
4.10V termination voltage, connect ADJ to IN (or to
a voltage greater than 1.4V) to select a 4.20V termi-
nation voltage.
Charge Current Programming
The maximum charging current is programmed by
an external resistor (RISET) connected from ISET to
G.
Calculate RISET as follows:
Where IBAT is Amps.
The voltage at ISET is fixed at 1.20V, and the maxi-
mum charge current at BAT is set by:
The RISET values in Table 1 are standard 1%. Note
that the actual charging current may be limited to a
current that is lower than the programmed fast-
charge current due to the ACT3704’s internal ther-
mal-regulation loop. See the Thermal Regulation
Loop section for more information.
Thermal Regulation Loop
The ACT3704 features an internal thermal regula-
tion loop that reduces the charging current as nec-
essary to ensure that the die temperature does not
rise beyond the thermal regulation threshold of
120°C. This feature protects the ACT3704 against
excessive junction temperature and makes the
ACT3704 more accommodating to aggressive ther-
mal designs. Note, however, that attention to good
thermal designs is required to achieve the fastest
possible charge time by maximizing charge current.
In order to account for the extended total charge
time resulting from operation in thermal regulation
mode, the charge timeout periods are extended
proportionally to the reduction in charge current. In
order to ensure a safe charge, the maximum time-
out periods are limited to 2x the room temperature
values.
The conditions that cause the ACT3704 to reduce
charge current in accordance to the internal thermal
regulation loop can be approximated by calculating
the power dissipated in the part. Most of the power
dissipation is generated from the internal charge
MOSFET (Q1 in the Functional Block Diagram).
The power dissipation is calculated to be approxi-
mately:
Table 1:
Charge Current Programming
RISET(kΩ)
Charge Current (mA)
89
297
64
413
56
470
47
562
33
800
27
989
()
ISET
BAT
R
/
V
20
.
1
k
22
I
×
=
(2)
()
BAT
ISET
I
/
V
20
.
1
k
22
R
×
=
(1)
(
)
BAT
BAT
IN
D
I
V
-
V
P
×
=
(3)
PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the
charge current. The approximate ambient tempera-


Similar Part No. - ACT3704YH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
514Kb / 20P
   50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
ACT3780NY-T ACTIVE-SEMI-ACT3780NY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
More results

Similar Description - ACT3704YH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com