Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB7122-868-ASK-A Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # EVB7122-868-ASK-A
Description  27 to 930MHz Transceiver Evaluation Board Description
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB7122-868-ASK-A Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  EVB7122-868-ASK-A Datasheet HTML 1Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 2Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 3Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB7122-868-ASK-A Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EVB7122
27 to 930MHz Transceiver
Evaluation Board Description
39012 07122 02
Page 3 of 24
EVB Description
Rev. 005
June/07
1
Theory of Operation
1.1
General
The main building block of the transceiver is a programmable PLL frequency synthesizer that is based on an
integer-N topology. The PLL is used for generating the carrier frequency during transmission and for
generating the LO signal during reception. The carrier frequency can be FSK-modulated by pulling the
crystal and ASK-modulated by on/off keying of the power amplifier. The receiver is based on the principle of
a single conversion superhet. Therefore the VCO frequency has to be changed between transmit and
receive mode. In receive mode, the preferred LO injection type is low-side injection.
The TH7122 transceiver IC consists of the following building blocks:
"
Low-noise amplifier (LNA) for high-sensitivity
RF signal reception with switchable gain
"
Mixer (MIX) for RF-to-IF down-conversion
"
IF amplifier (IFA) to amplify and limit the IF
signal and for RSSI generation
"
Phase-coincidence demodulator with external
ceramic discriminator (FSK Demodulator)
"
Operational amplifier (OA1), connected to
demodulator output
"
Operational amplifier (OA2), for geral use
"
Peak detector (PKDET) for ASK detection
"
Control logic with 3wire bus serial control
interface (SCI)
"
Reference oscillator (RO) with external crystal
"
Reference divider (R counter)
"
Programmable divider (N/A counter)
"
Phase-frequency detector (PFD)
"
Charge pump (CP)
"
Voltage controlled oscillator (VCO) with internal
varactor
"
Power amplifier (PA) with adjustable output
power
1.2
Technical Data Overview
!
Frequency range: 300 MHz to 930 MHz in
programmable user mode
!
Extended frequency range with external VCO
varactor diode: 27 MHz to 930 MHz
!
315 MHz, 433 MHz, 868 MHz or 915 MHz fixed-
frequency settings in stand-alone mode
!
Power supply range: 2.2 V to 5.5 V
!
Temperature range: -40 °C to +85 °C
!
Standby current: 50 nA
!
Operating current in receive: 6.5 mA (low gain)
!
Operating current in transmit: 12 mA (at -2 dBm)
!
Adjustable RF power range: -20 dBm to
+10dBm
!
Sensitivity: -105 dBm at FSK with 180 kHz
IF filter BW
!
Sensitivity: -107 dBm at ASK with 180 kHz
IF filter BW
!
Max. data rate with crystal pulling: 20 kbps NRZ
!
Max. data rate with direct VCO modulation:
115 kbps NRZ
!
Max. input level: -10 dBm at FSK
and -20 dBm at ASK
!
Input frequency acceptance:
± 10 to ± 150 kHz
(depending on FSK deviation)
!
FM/FSK deviation range:
±2.5 to ±80 kHz
!
Analog modulation frequency: max. 10 kHz
!
Crystal reference frequency: 3 MHz to 12 MHz
!
External reference frequency: 1 MHz to 16 MHz
1.3
Note on ASK Operation
Optimum ASK performance can be achieved by using an 8-MHz crystal for operation at 315 MHz, 434 MHz
and 915 MHz. For details please refer to the software settings shown in sections 4.2 and 4.3. FSK operation
is the preferred choice for applications in the European 868MHz band.
For more detailed information, please refer to the latest TH7122 data sheet revision


Similar Part No. - EVB7122-868-ASK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-A MELEXIS-EVB71101-315-ASK-A Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-C MELEXIS-EVB71101-315-ASK-C Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB7122-868-ASK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
STMicroelectronics
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
   EVALUATION BOARD DESCRIPTION
logo
Melexis Microelectronic...
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com