Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2002 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SG2002
Description  300mA, Low Power, Low Noise Low Dropout, Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2002 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SG2002 Datasheet HTML 2Page - SG Micro Corp SG2002 Datasheet HTML 3Page - SG Micro Corp SG2002 Datasheet HTML 4Page - SG Micro Corp SG2002 Datasheet HTML 5Page - SG Micro Corp SG2002 Datasheet HTML 6Page - SG Micro Corp SG2002 Datasheet HTML 7Page - SG Micro Corp SG2002 Datasheet HTML 8Page - SG Micro Corp SG2002 Datasheet HTML 9Page - SG Micro Corp SG2002 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SG2002/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Line-Transient Response
100µS/div
4.5V
3.5V
3.1V
3V
2.9V
VIN
VOUT
ILOAD = 100mA
VOUT = 3V
Load-Transient Response
40µS/div
50mA
0mA
3.05V
3V
2.95V
VOUT
ILOAD
VIN = VOUT + 0.5V
ILOAD = 0mA to 50mA
CIN = 1
μF
VOUT = 3V
Load-Transient Response Near Dropout
40µS/div
3V
2.95V
0mA
50mA
3.05V
ILOAD = 0mA to 50mA
VOUT
ILOAD
CIN = 1
μF
VIN = VOUT + 0.1V
VOUT = 3V
Shutdown Exit Delay
100µS/div
2V
0V
2V
0V
EN
CBP = 0.1µF
CBP = 0.01µF
1V
VOUT
ILOAD = 50mA
VOUT = 2.5V
Shutdown Exit Delay
100µS/div
2V
0V
2V
0V
EN
CBP = 0.1µF
CBP = 0.01µF
4V
VOUT
ILOAD = 50mA
VOUT = 5V
Entering Shutdown
40µS/div
2V
0V
5V
0V
EN
VOUT
No Load
VOUT = 5V


Similar Part No. - SG2002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2002 MICROSEMI-SG2002 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2002

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com