Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630S Datasheet(PDF) 4 Page - STMicroelectronics

Part # IRF630S
Description  N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630S Datasheet(HTML) 4 Page - STMicroelectronics

  IRF630S Datasheet HTML 1Page - STMicroelectronics IRF630S Datasheet HTML 2Page - STMicroelectronics IRF630S Datasheet HTML 3Page - STMicroelectronics IRF630S Datasheet HTML 4Page - STMicroelectronics IRF630S Datasheet HTML 5Page - STMicroelectronics IRF630S Datasheet HTML 6Page - STMicroelectronics IRF630S Datasheet HTML 7Page - STMicroelectronics IRF630S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
IRF630S
4/8


Similar Part No. - IRF630S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF630S PHILIPS-IRF630S Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
TRANSYS Electronics Lim...
IRF630S TEL-IRF630S Datasheet
142Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF630S VISHAY-IRF630S Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Guangdong Kexin Industr...
IRF630S KEXIN-IRF630S Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630S NJSEMI-IRF630S Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
More results

Similar Description - IRF630S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
   N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
   N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
STB40NS15 STMICROELECTRONICS-STB40NS15 Datasheet
289Kb / 7P
   N-CHANNEL 150V - 0.042ohm - 40A D2PAK MESH OVERLAY??MOSFET
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
   N-channel 200V - 0.35廓 - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com