Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1007-QD-0N0T Datasheet(PDF) 3 Page - Mimix Broadband

Part # XR1007-QD-0N0T
Description  10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007-QD-0N0T Datasheet(HTML) 3 Page - Mimix Broadband

  XR1007-QD-0N0T Datasheet HTML 1Page - Mimix Broadband XR1007-QD-0N0T Datasheet HTML 2Page - Mimix Broadband XR1007-QD-0N0T Datasheet HTML 3Page - Mimix Broadband XR1007-QD-0N0T Datasheet HTML 4Page - Mimix Broadband XR1007-QD-0N0T Datasheet HTML 5Page - Mimix Broadband XR1007-QD-0N0T Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Recommended Layout
Functional Diagram
(Note: Engineering designator is 14REC0742)
10.0-18.0 GHz GaAs Receiver
QFN, 7x7 mm
R1007-QD
Pin Designations
Pin
Number
Pin Name
Pin Function
Nominal
Value
Unit
5
6
7
15
17
19
27
28
29
36
39
41
43
+2.0
4.0
4.0
-0.3
-0.5
-0.1
dBm
V
V
V
V
V
GND
LO in
GND
VD3
IF1
VD1
GND
RF In
GND
VG1, 2
IF2
VG4
VG3
Ground
LO input
Ground
LO Buffer Drain Bias
IF1 Output
LNA Drain Bias
Ground
RF input
Ground
LNA Gate Bias
IF2 output
Mixer Gate Bias
LO Buffer Gate Bias
All other pins N/C
LO IN
IF1 Out
IF2 Out
VD3
VG3
VG4
VG1&2
VD1
RF IN
10 nF
10 nF
Physical Dimensions
34
38
35
36
37
39
40
41
42
43
44
33
29
32
31
30
28
27
26
25
24
23
LO IN
22
18
21
20
19
17
16
15
14
13
12
RF IN
1
5
2
3
4
6
7
8
9
10
11
Image
Reject
Mixer
XR1007-QD
LO
Buffer
LNA
LNA
GND
GND
GND
GND
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 12-Aug-07


Similar Part No. - XR1007-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-QD-0N0T MIMIX-XR1007-QD-0N0T Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1007-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com