Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1007-QT-0G00 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XL1007-QT-0G00
Description  3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1007-QT-0G00 Datasheet(HTML) 3 Page - Mimix Broadband

  XL1007-QT-0G00 Datasheet HTML 1Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 2Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 3Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 4Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 5Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 6Page - Mimix Broadband XL1007-QT-0G00 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
Low Noise Amplifier Measurements (cont.)
3.5-8.0 GHz GaAs MMIC
Packaged Low Noise Amplifier
L1007-QT
XL1007-QT
OIP3 Vs Frequency
40mA
10
15
20
25
30
55.56
6.57
7.58
Frequency (GHz)
3V
4V
5V
XL1007-QT
P1dB Vs Frequency
40mA
0
2
4
6
8
10
12
14
16
55.5
66.57
7.5
8
Frequency (GHz)
3V
4V
5V
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 08-Aug-07


Similar Part No. - XL1007-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1007-QT-0G00 MIMIX-XL1007-QT-0G00 Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results

Similar Description - XL1007-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_09 Datasheet
611Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com