Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1001-BD-EV1 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XL1001-BD-EV1
Description  17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1001-BD-EV1 Datasheet(HTML) 1 Page - Mimix Broadband

  XL1001-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XL1001-BD-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mimix Broadband’s two stage balanced 17.0-35.0 GHz
GaAs MMIC low noise amplifier has a small signal gain
of 14.0 dB with a noise figure of 2.5 dB across the
band. This MMIC uses Mimix Broadband’s 0.15 µm
GaAs PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
17.0-35.0 GHz GaAs MMIC
Low Noise Amplifier
Absolute Maximum Ratings
Page 1 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Features
Balanced Design
Excellent Input/Output Match
Self-biased Architecture
14.0 dB Small Signal Gain
2.5 dB Noise Figure
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
85 mA
+15.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(1) Channel temperature affects a device's MTBF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Chip Device Layout
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF) @ 21.0-35.0 GHz
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (V5)
Supply Current (Id)
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
mA
Min.
17.0
8.0
15.0
12.0
-
25.0
-
-
-
-
-
Typ.
-
10.0
18.0
14.0
+/-1.5
30.0
2.5
+4.0
+16.0
+5.0
55
Max.
35.0
-
-
-
-
-
3.5
-
-
+5.5
65
1
July 2007 - Rev 13-Jul-07
L1001-BD
(2) See plots for additional information.
(3) Unless otherwise indicated min/max over 17.0-35.0 GHz and biased at Vd=5V, Id=55mA.
3
3
3
3
3
2
2


Similar Part No. - XL1001-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1001-BD MIMIX-XL1001-BD Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
More results

Similar Description - XL1001-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1001 MIMIX-XL1001 Datasheet
428Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
   27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com