Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-XA1361 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-XA1361
Description  Amber Axial LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-XA1361 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-XA1361 Datasheet HTML 1Page - A-BRIGHT Inc AL-XA1361 Datasheet HTML 2Page - A-BRIGHT Inc AL-XA1361 Datasheet HTML 3Page - A-BRIGHT Inc AL-XA1361 Datasheet HTML 4Page - A-BRIGHT Inc AL-XA1361 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2006/10/18
Refer to reliability test standard specification for in this line.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
AXIAL LED LAMPS
Part Number: AL-XA1361
Test items and results of reliability


Similar Part No. - AL-XA1361

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-XA1361-F7 A-BRIGHT-AL-XA1361-F7 Datasheet
338Kb / 5P
   Amber Axial With Gull Wing Lead
2006/10/18
AL-XA1361-F8 A-BRIGHT-AL-XA1361-F8 Datasheet
337Kb / 5P
   nAmber Axial With YOKE Lead
2006/10/18
AL-XA1361-F9 A-BRIGHT-AL-XA1361-F9 Datasheet
335Kb / 5P
   AXIAL LED LAMPS
2006/10/19
More results

Similar Description - AL-XA1361

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-XJF361 A-BRIGHT-AL-XJF361 Datasheet
339Kb / 5P
   Super Amber Axial LED Lamps AXIAL LED LAMPS
2006/10/18
AL-XJF361-F8 A-BRIGHT-AL-XJF361-F8 Datasheet
337Kb / 5P
   Super Amber Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XJF361-F7 A-BRIGHT-AL-XJF361-F7 Datasheet
338Kb / 5P
   Super Amber Axial With Gull Wing Lead AXIAL LED LAMPS
2006/10/18
AL-XJF361-F9 A-BRIGHT-AL-XJF361-F9 Datasheet
335Kb / 5P
   Super Amber Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
logo
LUMEX INC.
SSL-LXA228AC-TR21 LUMEX-SSL-LXA228AC-TR21 Datasheet
64Kb / 1P
   605nm AMBER AXIAL LEADED LED
logo
A-BRIGHT Inc
AL-XA1361-F9 A-BRIGHT-AL-XA1361-F9 Datasheet
335Kb / 5P
   AXIAL LED LAMPS
2006/10/19
AL-XB3361-F7 A-BRIGHT-AL-XB3361-F7 Datasheet
338Kb / 5P
   AXIAL LED LAMPS
2006/10/18
logo
Yellow Stone Corp
BL-XE1361 YSTONE-BL-XE1361 Datasheet
676Kb / 1P
   AXIAL LED LAMPS
logo
A-BRIGHT Inc
AL-HJF33 A-BRIGHT-AL-HJF33 Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps
2006/10/11
AL-HJF33A A-BRIGHT-AL-HJF33A Datasheet
341Kb / 5P
   Super Amber SMD Chip LED Lamps
2006/10/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com