Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMQ1432-QH-0G0T Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMQ1432-QH-0G0T
Description  13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMQ1432-QH-0G0T Datasheet(HTML) 5 Page - Mimix Broadband

  CMQ1432-QH-0G0T Datasheet HTML 1Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 2Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 3Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 4Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 5Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 6Page - Mimix Broadband CMQ1432-QH-0G0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
Recommended Application Circuit
Pin Designations
Schematic
13.5-15.5 GHz
1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 03-Feb-08
Pin Designator
Description
1,2,4,5,6,10,11,12,13,14,15,17,18,23,24 N/C
3RF in
7,8,9
Vg
16
RF out
19
Vd4
20
Vd3
21
Vd2
22
Vd1
Biasing notes:
1. Dual bias is required.
2. 1000pf bypass capacitors are needed on PC board as close as
possible to device as shown in the schematic.
3. No DC block is required at RF IN/OUT
4. Negative (-) bias must be applied to Vgg before applying
positive (+) bias to Vdd.


Similar Part No. - CMQ1432-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1432-QH-0G0T MIMIX-CMQ1432-QH-0G0T Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - CMQ1432-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH Datasheet
332Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH_07 Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
logo
Excelics Semiconductor,...
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
   12.5 - 15.5 GHz Power Amplifier MMIC
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
   12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Mimix Broadband
XP1057-BD MIMIX-XP1057-BD Datasheet
1Mb / 12P
   13.5-16.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com