Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM6003-SC-00A0 Datasheet(PDF) 1 Page - Mimix Broadband

Part # PB-CMM6003-SC-00A0
Description  50-900 MHz High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM6003-SC-00A0 Datasheet(HTML) 1 Page - Mimix Broadband

  PB-CMM6003-SC-00A0 Datasheet HTML 1Page - Mimix Broadband PB-CMM6003-SC-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CMM6003-SC-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CMM6003-SC-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CMM6003-SC-00A0 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Operation of this device above any of these parameters may cause damage.
*Operation with more than 10 dBm of input power may cause 2 dB
degradation in OIP3 performance.
50-900 MHz
High Dynamic Range Amplifier
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM6003-SC
August 2007 - Rev 07-Aug-07
Features
Description
50 to 900 MHz Frequency Range
+41 dBm Output IP3
-71 dBc CTB
-48 dBc CSO
1.6 dB Noise Figure (@ 450 MHz)
17 dB Gain
22 dBm P1dB
RoHS Compliant SOT-89 SMT Package
Single Power Supply
+3V to +5V Voltage Rail
MTBF > 100 Years
Ideal for CATV Applications
The CMM6003-SC is a high dynamic range amplifier suitable
for cable TV applications between 50 and 900 MHz. The
combination of gain flatness, bandwidth, low noise figure and
high third order intercept point make it ideal for cable modem,
CATV distribution and laser diode driver applications. The
CMM6003-SC can operate directly from 5V or 3.3V supply
voltage in 75 ohm systems. The device is manufactured using
a highly reliable GaAs MESFET technology with an MTBF of
over 100 years at a mounting temperature of +85ºC. All
devices are 100% RF (at 800Mhz) and DC tested and they
come in an RoHs compliant SOT-89 package which provides
excellent electrical stability and low thermal resistance.
Supply Voltage
RF Input Power*
Storage Temperature
Junction Temperature
Operating Temperature
Thermal Resistance
+6.0 V
+10 dBm
-55ºC to 150ºC
150ºC
-40ºC to +85ºC
59º C/W
Absolute Maximum Ratings
Parameter
Condition
Min
Typ
Max
Units
z
H
M
900
50
800
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Gain
Externally matched
15
17
18
dB
Input Return Loss
Externally matched
-11
dB
m
B
d
41
+
3
P
I
t
u
p
t
u
O
B
d
3.3
Noise Figure
Noise Figure
Output P1dB
Operating Current Range
Supply Voltage
@ 50 MHz
@ 800 MHz
dB
dBm
mA
V
1.9
0
8
1
22
150
120
0
.
5
Electrical Characteristics
Unless otherwise specified, the following specifications are guaranteed at room temperature
in a Mimix test fixture.
Notes:
1. T = 25°C, Vdd = 5.0, Frequency = 800 MHz, 50 Ohm system
2. OIP3 measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
Typical Parameters
Notes:
1. Typical values reflect performance in recommended application circuit.
Units
Typical
Parameter
Frequency Range
100
450
900
MHz
Gain
17.5
17.2
16.3
dB
Input Return Loss
-12
-12
-11
dB
Output Return Loss
-16
-16
-13
dB
Output IP3
40
39
37
dBm
Output IP2
52
52
52
dBm
Output P1dB
23
23.6
23.8
dBm
Noise Figure
3.5
1.6
2
dB
CTB
-72
dBc
Xmod
-65
dBc
Supply Voltage
5
5
5
V
CSO
-48
dBc
Current
150
150
150
mA


Similar Part No. - PB-CMM6003-SC-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM6003-SC-0000 MIMIX-PB-CMM6003-SC-0000 Datasheet
471Kb / 5P
   50-870 MHz High Dynamic Range Amplifier
More results

Similar Description - PB-CMM6003-SC-00A0

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AL106-84 SKYWORKS-AL106-84 Datasheet
29Kb / 3P
   GaAs IC 900 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM6003-SC MIMIX-CMM6003-SC Datasheet
471Kb / 5P
   50-870 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0070 MA-COM-MAAMSS0070 Datasheet
356Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
   800 to 2700 MHz High Dynamic Range Amplifier
logo
List of Unclassifed Man...
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
   50MHz to 870 MHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com